Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C80GF Datasheet(PDF) 142 Page - Texas Instruments

Part # TMS320C80GF
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF Datasheet(HTML) 142 Page - Texas Instruments

Back Button TMS320C80GF Datasheet HTML 138Page - Texas Instruments TMS320C80GF Datasheet HTML 139Page - Texas Instruments TMS320C80GF Datasheet HTML 140Page - Texas Instruments TMS320C80GF Datasheet HTML 141Page - Texas Instruments TMS320C80GF Datasheet HTML 142Page - Texas Instruments TMS320C80GF Datasheet HTML 143Page - Texas Instruments TMS320C80GF Datasheet HTML 144Page - Texas Instruments TMS320C80GF Datasheet HTML 145Page - Texas Instruments TMS320C80GF Datasheet HTML 146Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
139
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
absolute maximum ratings over specified temperature ranges (unless otherwise noted)†
Supply voltage range, VDD (see Note 1)
– 0.3 V to 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI
– 0.3 V to 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range
– 0.3 V to 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating case temperature range, TC
0
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to VSS.
recommended operating conditions
MIN
NOM
MAX
UNIT
VDD
Supply voltage
3.135
3.3
3.465
V
VSS
Supply voltage (see Note 2)
0
V
IOH
High-level output current
– 400
µA
IOL
Low-level output current
2
mA
TC
Operating case temperature
0
85
°C
NOTE 2: In order to minimize noise on VSS, care should be taken to provide a minimum inductance path between the VSS pins and system ground.
electrical characteristics over recommended ranges of supply voltage and operating case
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS‡
MIN
TYP§
MAX
UNIT
VIH
High-level input voltage
2
VDD + 0.3
V
VIL
Low-level input voltage
– 0.3
0.8
V
VOH
High-level output voltage
VDD = MIN,
IOH = MAX
2.6
V
VOL
Low-level output voltage
VDD = MAX,
IOH = MIN
0.6
V
IO
Output current, leakage (high impedance)
VDD = MAX,
VO = 2.8 V
20
µA
IO
,g ( g
)
(except EMU0 and EMU1)
VDD = MAX,
VO = 0.6 V
– 20
µA
II
Input current (except TCK, TDI, and TMS)
VI = VSS to VDD
±20
µA
VDD = MAX,
60 MHz
1.2#
2.5#
IDD
Supply current (see Note 3)
VDD = MAX,
50 MHz
1.0#
2.3#
A
VDD = MAX,
40 MHz
0.9#
1.9#
Ci
Input capacitance
10
pF
Co
Output capacitance
10
pF
‡ For conditions shown as MIN / MAX, use the appropriate value specified under the recommended operating conditions.
§ All typical values are at VDD = 3.3 V, ambient air temperature = 25°C
¶ Typical steady-state VOH will not exceed VDD
# Parameter value is representative of revision 4.x and higher devices.
NOTE 3: Maximum supply current is derived from a test case that generates the theoretical maximum data flow using a worst case checkerboard
data pattern on a sustained cycle by cycle basis. Actual maximum IDD varies in real applications based on internal and external data
flow and transitions. Typical supply current is derived from a test case which attempts to emulate typical use conditions of the on-chip
processors with random data. Typical IDD varies from application to application based on data flow and transitions and on-chip processor
utilization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com