Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C80GF Datasheet(PDF) 145 Page - Texas Instruments

Part # TMS320C80GF
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF Datasheet(HTML) 145 Page - Texas Instruments

Back Button TMS320C80GF Datasheet HTML 141Page - Texas Instruments TMS320C80GF Datasheet HTML 142Page - Texas Instruments TMS320C80GF Datasheet HTML 143Page - Texas Instruments TMS320C80GF Datasheet HTML 144Page - Texas Instruments TMS320C80GF Datasheet HTML 145Page - Texas Instruments TMS320C80GF Datasheet HTML 146Page - Texas Instruments TMS320C80GF Datasheet HTML 147Page - Texas Instruments TMS320C80GF Datasheet HTML 148Page - Texas Instruments TMS320C80GF Datasheet HTML 149Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
142
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
CLKIN timing requirements (see Figure 118)
NO
’C80-40
’C80-50
’C80-60
UNIT
NO.
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
1
tc(CKI)
Period of CLKIN (tH)
12.5
10
8.3
ns
2
tw(CKIH)
Pulse duration of CLKIN high
4.8
4.2
3.9
ns
3
tw(CKIL)
Pulse duration of CLKIN low
4.8
4.2
3.9
ns
4
tt(CKI)
Transition time of CLKIN†
1.5
1.5
1.5
ns
† This parameter is verified by computer simulation and is not tested.
CLKIN
2
3
4
4
1
Figure 118. CLKIN Timing
local-bus switching characteristics over full operating range: CLKOUT‡(see Figure 119)
NO
PARAMETER
’C80-40
’C80-50
’C80-60
UNIT
NO.
PARAMETER
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
5
tc(CKO)
Period of CLKOUT
2tc(CKI)§
2tc(CKI) §
2tc(CKI) §
ns
6
tw(CKOH)
Pulse duration of CLKOUT high
tH – 5.5
tH – 4.5
tH – 3.7
ns
7
tw(CKOL)
Pulse duration of CLKOUT low
tH – 5.5
tH – 4.5
tH – 3.7
ns
8
tt(CKO)
Transition time of CLKOUT
2¶
2¶
2¶
ns
‡ The CLKOUT output has twice the period of CLKIN. No propagation delay or phase relationship to CLKIN is assured. Each state of a memory
access begins on the falling edge of CLKOUT.
§ This is a functional minimum and is not tested. This parameter may also be specified as 2tH.
¶ This parameter is verified by computer simulation and is not tested.
CLKOUT
tH
tH
tH
tH
5
6
8
8
7
Figure 119. CLKOUT Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com