Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C80GF Datasheet(PDF) 144 Page - Texas Instruments

Part # TMS320C80GF
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF Datasheet(HTML) 144 Page - Texas Instruments

Back Button TMS320C80GF Datasheet HTML 140Page - Texas Instruments TMS320C80GF Datasheet HTML 141Page - Texas Instruments TMS320C80GF Datasheet HTML 142Page - Texas Instruments TMS320C80GF Datasheet HTML 143Page - Texas Instruments TMS320C80GF Datasheet HTML 144Page - Texas Instruments TMS320C80GF Datasheet HTML 145Page - Texas Instruments TMS320C80GF Datasheet HTML 146Page - Texas Instruments TMS320C80GF Datasheet HTML 147Page - Texas Instruments TMS320C80GF Datasheet HTML 148Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
141
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
PARAMETER MEASUREMENT INFORMATION
timing parameter symbology
Timing parameter symbols used herein were created in accordance with JEDEC Standard 100-A. In order to
shorten the symbols, some of the pin names and other related terminology have been abbreviated as follows:
A
A[31 : 0]
RDY
READY
CAS
CAS / DQM[7 : 0]
RST
RESET
CFG
AS[2:0], BS[1:0], CT[2:0], PS[3:0], UTIME
RTY
RETRY
CKI
CLKIN
REQ
REQ[1:0]
CKO
CLKOUT
RL
RL
CMP
RETRY, READY, FAULT
RR
READY, RETRY
D
D[63:0]
SCK
SCLK0, SCLK1
EIN
EINT1, EINT2, EINT3, or EINTx
TCK
TCK
EMU
EMU0, EMU1
TDI
TDI
FCK
FCLK0, FCLK1
TDO
TDO
HAK
HACK
TMS
TMS
HRQ
HREQ
TRS
TRST
LIN
LINT4
UTM
UTIME
MID
A[31:0], STATUS[5:0]
SI
HSYNC0, VSYNC0, CSYNC0, HSYNC1, VSYNC1,
or CSYNC1
OUT
A[31:0], CAS / DQM[7 : 0], D[63:0], DBEN, DDIN,
DSF, RAS, RL, STATUS[5:0], TRG / CAS, W
SY
HSYNC0, VSYNC0, CSYNC0 / HBLNK0,
CBLNK0 / VBLNK0, HSYNC1, VSYNC1,
CSYNC1 / HBLNK1, CBLNK1 / VBLNK1, CAREA0,
or CAREA1
RAS
RAS
XPT
XPT[2:0] OR XPTx
Lowercase subscripts and their meanings are:
The following letters and symbols and their meanings are:
a
access time
H
High
c
cycle time (period)
L
Low
d
delay time
V
Valid
h
hold time
Z
High impedance
su
setup time
X
Unknown, changing, or don’t care level
t
transition time
w
pulse duration (width)
general notes on timing parameters
The period of the output clock (CLKOUT) is twice the period of the input clock (CLKIN), or 2
× tc(CKI). The half
cycle time (tH) that appears in the following tables is one-half of the output clock period, or equal to the input
clock period, tc(CKI).
All output signals from the ’C80 (including CLKOUT) are derived from an internal clock such that all output
transitions for a given half cycle occur with a minimum of skewing relative to each other.
The signal combinations shown in the following timing diagrams may not necessarily represent actual cycles.
For actual cycle examples, refer to the appropriate cycle description section of this data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com