Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705E5GRS/D Datasheet(PDF) 21 Page - NXP Semiconductors

Part # HC705E5GRS/D
Description  General Release Specification
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705E5GRS/D Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button HC705E5GRS/D Datasheet HTML 17Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 18Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 19Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 20Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 21Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 22Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 23Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 24Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 148 page
background image
General Description
Functional Pin Description
MC68HC705E5 — Rev. 1.0
General Release Specification
General Description
1.5.1 V
DD
and V
SS
Power is supplied to the microcontroller using these two pins. V
DD is the
positive supply and V
SS is ground.
1.5.2 IRQ/VPP
This pin is used to supply the EPROM with the required programming
voltage. In addition, the mask interrupt request has a programmable
option that provides two different choices of interrupt triggering
sensitivity. The options are:
1. Negative edge-sensitive triggering only
2. Both negative edge-sensitive and level-sensitive triggering
The MCU completes the current instruction before it responds to the
interrupt request. When IRQ/VPP goes low for at least one tILIH, a logic
1 is latched internally to signify an interrupt has been requested. When
the MCU completes its current instruction, the interrupt latch is tested. If
the interrupt latch contains a logic 1, and the interrupt mask bit (I bit) in
the condition code register is clear, the MCU then begins the interrupt
sequence.
If the option is selected to include level-sensitive triggering, the IRQ input
requires an external resistor to VDD for wired-OR operation.
The IRQ/VPP pin contains an internal Schmitt trigger as part of its input
to improve noise immunity. Refer to Section 4. Interrupts for more
detail.
NOTE:
The voltage on the IRQ pin affects the mode of operation. For additional
information, see Section 6. Operating Modes.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com