| Electronic Components Datasheet Search |
|
HC705E5GRS/D Datasheet(PDF) 42 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705E5GRS/D Datasheet(HTML) 42 Page - NXP Semiconductors |
|
42 / 148 page ![]() Resets General Release Specification MC68HC705E5 — Rev. 1.0 Resets 5.3 External Reset (RESET) The RESET pin is the only external source of a reset. This pin is connected to a Schmitt trigger input gate to provide an upper and lower threshold voltage separated by a minimum amount of hysteresis. This external reset occurs whenever the RESET pin is pulled below the lower threshold and remains in reset until the RESET pin rises above the upper threshold. This active-low input will generate the RST signal and reset the CPU and peripherals. The only reset sources that can alter the MCU’s operating mode are termination of the external reset input or the internal computer operating properly (COP) watchdog reset. NOTE: Activation of the RST signal is generally referred to as a reset of the device, unless otherwise specified. Figure 5-1. Reset Block Diagram CPU LATCH RESET COP WATCHDOG (COPR) RST OSC DATA ADDRESS PH2 TO OTHER PERIPHERALS S IRQ/VTST MODE SELECT TO IRQ LOGIC LATCH R POWER-ON RESET (POR) VDD ILLEGAL ADDRESS (ILLADDR) ADDRESS PH2 CLOCKED ONE-SHOT (PULSE WIDTH = 3xE-CLK) D D DISABLED STOP INSTRUCTION STOPEN Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |