| Electronic Components Datasheet Search |
|
HC705E5GRS/D Datasheet(PDF) 75 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705E5GRS/D Datasheet(HTML) 75 Page - NXP Semiconductors |
|
75 / 148 page ![]() Motorola Bus (M Bus) Interface M-Bus Protocol MC68HC705E5 — Rev. 1.0 General Release Specification Motorola Bus (M Bus) Interface 11.5.2 Slave Address Transmission Immediately after the start signal, the first byte of data transfer is the slave address transmitted by the master. This data is a 7-bit calling address followed by a R/W bit. The R/W bit tells the slave the desired direction of data transfer. Only the slave with a matched address will respond by sending back an acknowledge bit. This acknowledge bit is accomplished by pulling SDA low on the ninth clock cycle. (See Figure 11-1.) 11.5.3 Data Transfer Once a successful slave addressing is achieved, the data transfer can proceed byte by byte in the direction specified by the R/W bit sent by the calling master. Each data byte is eight bits long. Data can be changed only when SCL is low and must be held stable while SCL is high as shown in Figure 11-1. The MSB is transmitted first and each byte has to be followed by an acknowledge bit. The acknowledge bit is signalled by the receiving device by pulling the SDA low on the ninth clock cycle. Therefore, one complete data byte transfer needs nine clock cycles. If the slave receiver does not acknowledge the master, the SDA line should be left high by the slave. The master can then generate a stop signal to abort the data transfer or a start signal (repeated start) to commence a new transfer. If the master receiver does not acknowledge the slave transmitter after a byte has been transmitted, it means an “end of data” to the slave. The slave should now release the SDA line for the master to generate a stop or start signal. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |