| Electronic Components Datasheet Search |
|
HC705E5GRS/D Datasheet(PDF) 83 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705E5GRS/D Datasheet(HTML) 83 Page - NXP Semiconductors |
|
83 / 148 page ![]() Motorola Bus (M Bus) Interface M-Bus Registers MC68HC705E5 — Rev. 1.0 General Release Specification Motorola Bus (M Bus) Interface MTX — Transmit/Receiver Mode Select Bit This bit selects the direction of master and slave transfers. When addressed as a slave, this bit should be set by software according to the SRW bit in the status register. In master mode, this bit should be set according to the type of transfer required. Hence, for address cycles this bit will always be high. 1 = Transmit 0 = Receive TXAK — Transmit Acknowledge Enable Bit If TXAK is cleared, an acknowledge signal will be sent out to the bus at the ninth clock bit after receiving one byte of data. When TXAK is set, there will be no acknowledge signal response (for example, acknowledge bit = 1). MMUX — M-Bus Multiplexer This bit is used to enable PB7 and PB6 to be under the control of the M-bus circuit. When set, both PB7 and PB6 become open-collector outputs or inputs when enabled by the M-bus control. When cleared PB7 and PB6 are under control of the port DDR logic. This bit can be set or cleared independent of the MEN bit. Caution should be used if PB7 and PB6 are used as general-purpose I/O. 1 = M-bus control 0 = POR condition, port B DDR control Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |