Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705E5GRS/D Datasheet(PDF) 31 Page - NXP Semiconductors

Part # HC705E5GRS/D
Description  General Release Specification
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705E5GRS/D Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button HC705E5GRS/D Datasheet HTML 27Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 28Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 29Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 30Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 31Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 32Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 33Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 34Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 148 page
background image
Central Processing Unit (CPU)
Condition Code Register
MC68HC705E5 — Rev. 1.0
General Release Specification
Central Processing Unit (CPU)
3.5 Condition Code Register
The CCR is a 5-bit register in which the H, N, Z, and C bits are used to
indicate the results of the instruction just executed, and the I bit is used
to enable interrupts. These bits can be tested individually by a program,
and specific actions can be taken as a result of their state. Each bit is
explained in the following paragraphs.
Half Carry (H)
This bit is set during ADD and ADC operations to indicate that a carry
occurred between bits 3 and 4.
Interrupt (I)
When this bit is set, the timer and external interrupt are masked
(disabled). If an interrupt occurs while this bit is set, the interrupt is
latched and processed as soon as the I bit is cleared.
Negative (N)
When set, this bit indicates that the result of the last arithmetic, logical,
or data manipulation was negative.
Zero (Z)
When set, this bit indicates that the result of the last arithmetic, logical,
or data manipulation was zero.
Carry/Borrow (C)
When set, this bit indicates that a carry or borrow out of the arithmetic
logical unit (ALU) occurred during the last arithmetic operation. This
bit also is affected during bit test and branch instructions and during
shifts and rotates.
Bit 4
3
2
1
Bit 0
HIN
Z
C
Figure 3-5. Condition Code Register (CCR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com