| Electronic Components Datasheet Search |
|
HC705E5GRS/D Datasheet(PDF) 23 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705E5GRS/D Datasheet(HTML) 23 Page - NXP Semiconductors |
|
23 / 148 page ![]() General Description Functional Pin Description MC68HC705E5 — Rev. 1.0 General Release Specification General Description 1.5.4 RESET This active low pin is used to reset the MCU to a known startup state by pulling RESET low. The RESET pin contains an internal Schmitt trigger as part of its input to improve noise immunity. See Section 5. Resets for additional information. 1.5.5 PA0–PA7 These eight I/O lines comprise port A. The state of any pin is software programmable and all port A lines are configured as input during power-on or reset. See 7.6 Input/Output Programming for additional information. 1.5.6 PB0–PB7 These eight I/O lines comprise port B. The state of any pin is software programmable and all port B lines are configured as input during power-on or reset. PB7 (SCL) and PB6 (SDA) can be configured as an M-bus interface. (Refer to Section 11. Motorola Bus (M Bus) Interface for M-bus pin configurations). PB3–PB5 (TIPL, SCK, and SDIO) can be configured as a synchronous serial interface (SSI). Refer to Section 12. Synchronous Serial Interface (SSI) and to 7.6 Input/Output Programming for additional information. 1.5.7 PC0–PC3 These four I/O lines comprise port C. The state of any pin is software programmable and all port C lines are configured as input during power-on or reset. 7.6 Input/Output Programming for additional information. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |