| Electronic Components Datasheet Search |
|
HC705E5GRS/D Datasheet(PDF) 35 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705E5GRS/D Datasheet(HTML) 35 Page - NXP Semiconductors |
|
35 / 148 page ![]() Interrupts Hardware Controlled Interrupt Sequence MC68HC705E5 — Rev. 1.0 General Release Specification Interrupts 4.3 Hardware Controlled Interrupt Sequence The following three functions (RESET, STOP, and WAIT) are not in the strictest sense an interrupt; however, they are acted upon in a similar manner. See Figure 4-1 and Figure 4-2. A discussion is provided below. 1. RESET — A low input on the RESET input pin causes the program to vector to its starting address which is specified by the contents of memory locations $1FFE and $1FFF. The I bit in the condition code register is also set. Much of the MCU is configured to a known state during this type of reset as described in Section 5. Resets. 2. STOP — The STOP instruction causes the oscillator to be turned off and the processor to “sleep” until an external interrupt (IRQ) or reset occurs. 3. WAIT — The WAIT instruction causes all processor clocks to stop, but leaves the timer clock running. This “rest” state of the processor can be cleared by reset, an external interrupt (IRQ), or timer interrupt. There are no special wait vectors for these individual interrupts. 4.4 Software Interrupt (SWI) The SWI is an executable instruction and a nonmaskable interrupt. It is executed regardless of the state of the I bit in the CCR. If the I bit is zero (interrupts enabled), SWI executes after interrupts which were pending when the SWI was fetched but before interrupts generated after the SWI was fetched. The interrupt service routine address is specified by the contents of memory locations $1FFC and $1FFD. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |