| Electronic Components Datasheet Search |
|
HC705E5GRS/D Datasheet(PDF) 92 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705E5GRS/D Datasheet(HTML) 92 Page - NXP Semiconductors |
|
92 / 148 page ![]() Motorola Bus (M Bus) Interface General Release Specification MC68HC705E5 — Rev. 1.0 Motorola Bus (M Bus) Interface 11.8.5 Generation of a Repeated Start Signal If at the end of data transfer the master still wants to communicate on the bus, it can generate another start signal followed by another slave address without first generating a stop signal. A program example is shown here. RESTART BCLR 5,MCR ; ANOTHER START (RESTART) IS BSET 5,MCR ; GENERATED BY THESE TWO ; CONSEQUENCE INSTRUCTION LDA #CALLING ; GET THE CALLING ADDRESS STA MDR ; TRANSMIT THE CALLING ; ADDRESS 11.8.6 Slave Mode In the slave service routine, the master addressed as slave bit (MAAS) should be tested to see if a calling of its own address has just been received. If MAAS is set, software should set the transmit/receive mode select bit (MTX bit of MCR) according to the R/W command bit (SRW). Writing to the MCR clears the MAAS automatically. A data transfer may then be initiated by writing information to MDR or dummy reading from MDR. In the slave transmitter routine, the received acknowledge bit (RXAK) must be tested before transmitting the next byte of data. If RXAK is set, indicating an end of the data signal from the master receiver, then RXAK must switch from transmitter mode to receiver mode by software. A dummy read must follow to release the SCL line so that the master can generate a stop signal. 11.8.7 Arbitration Lost If more than one master wants to engage the bus simultaneously, only one master wins and the others lose arbitration. The arbitration loss devices immediately switch to slave receive mode by hardware. Their data output to the SDA line is stopped, but the internal transmitting clock still runs until the end of the current byte transmission. An interrupt occurs when this dummy byte transmission is accomplished with Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |