| Electronic Components Datasheet Search |
|
HC705E5GRS/D Datasheet(PDF) 77 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705E5GRS/D Datasheet(HTML) 77 Page - NXP Semiconductors |
|
77 / 148 page ![]() Motorola Bus (M Bus) Interface M-Bus Protocol MC68HC705E5 — Rev. 1.0 General Release Specification Motorola Bus (M Bus) Interface 11.5.7 Clock Synchronization Since wired-AND logic is performed on the SCL line, a high-to-low transition will affect the devices connected to the bus. The devices start counting their low period and once a device's clock has gone low, it will hold the SCL line low until the clock high state is reached. However, the change of low to high in this device clock may not change the state of the SCL line if another device clock is still within its low period. Therefore, the synchronized clock SCL will be held low by the device with the longest low period. Devices with shorter low periods enter a high wait state during this time. (See Figure 11-2.) When all devices concerned have counted off their low period, the synchronized SCL line will be released and go high. There will then be no difference between the device clocks and the state of the SCL line and all devices will start counting their high periods. The first device to complete its high period will again pull the SCL line low. 11.5.8 Handshaking The clock synchronization mechanism can be used as a handshake in data transfer. Slave devices may hold the SCL low after completion of one byte. In such cases, the device will halt the bus clock and force the master clock into a wait state until the slave releases the SCL line. Figure 11-2. Clock Synchronization SCL SCL2 SCL1 INTERNAL COUNTER RESET WAIT START COUNTING HIGH PERIOD Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |