Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705E5GRS/D Datasheet(PDF) 67 Page - NXP Semiconductors

Part # HC705E5GRS/D
Description  General Release Specification
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705E5GRS/D Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button HC705E5GRS/D Datasheet HTML 63Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 64Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 65Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 66Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 67Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 68Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 69Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 70Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 148 page
background image
MC68HC705E5 — Rev. 1.0
General Release Specification
Computer Operating Properly (COP) Watchdog
General Release Specification — MC68HC705E5
Section 10. Computer Operating Properly (COP)
Watchdog
10.1 Contents
10.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .67
10.3
System Control and Status Register. . . . . . . . . . . . . . . . . . . . .68
10.4
COP During Wait Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .70
10.5
COP During Stop Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .70
10.2 Introduction
The COP watchdog system is a mask-programmable feature which will
generate a system reset if not serviced within the specified COP timeout
period. The COP counter chain is derived from an output of the CPI
circuit. This input signal is divided to give the COP reset rate selected by
the first write to the system control and status register (SCSR) located at
address $13.
A COP reset is done by writing a logic 0 to bit zero of address $1FF0.
This will reset the COP counter chain and begin the timeout countdown
again. The COP counter chain is also cleared when the MCU is in reset
or stop mode.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com