Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705E5GRS/D Datasheet(PDF) 58 Page - NXP Semiconductors

Part # HC705E5GRS/D
Description  General Release Specification
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705E5GRS/D Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button HC705E5GRS/D Datasheet HTML 54Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 55Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 56Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 57Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 58Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 59Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 60Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 61Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 148 page
background image
Timer
General Release Specification
MC68HC705E5 — Rev. 1.0
Timer
RTIE — Real-Time Interrupt Enable
When this bit is set, a CPU interrupt request is generated when the
RTIF bit is set. Reset clears this bit.
TOFA — Timer Over Flow Flag Acknowledge
When a one is written to this bit location, the TOF flag bit is cleared.
This bit always reads as a zero.
RTIFA — Real-Time Interrupt Flag Acknowledge
When a one is written to this bit location, the RTIF flag bit is cleared.
This bit always reads as a zero.
RT1–RT0 — Real-Time Interrupt Rate Select
These two bits select one of four taps from the real-time interrupt
circuit.Table 8-1 shows the available interrupt rates with several fop
values. Reset sets RT0 and RT1, selecting the lowest periodic rate
and therefore the maximum time in which to alter these bits if
necessary. Care should be taken when altering RT0 and RT1 if the
time-out period is imminent or uncertain. If the selected tap is
modified during a cycle in which the counter is switching, an RTIF
could be missed or an additional one could be generated.
Table 8-1. RTI Rates
RT1–RT0
RT1 Rates at fop Frequency Specified
16.384 kHz
524 kHz
1.049 MHz
2.097 MHz
4.194 MHz
fop
00
1 s
31.3 ms
15.6 ms
7.8 ms
3.9 ms
214
÷ f
op
01
2 s
62.5 ms
31.3 ms
15.6 ms
7.8 ms
215
÷ f
op
10
4 s
125 ms
62.5 ms
31.3 ms
15.6 ms
216
÷ f
op
11
8 s
250 ms
125.1 ms
62.5 ms
31.3 ms
217
÷ f
op
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com