| Electronic Components Datasheet Search |
|
HC705E5GRS/D Datasheet(PDF) 45 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705E5GRS/D Datasheet(HTML) 45 Page - NXP Semiconductors |
|
45 / 148 page ![]() Resets Computer Operating Properly Reset (COPR) MC68HC705E5 — Rev. 1.0 General Release Specification Resets 5.6 Computer Operating Properly Reset (COPR) The MCU contains a watchdog timer that automatically times out if not reset (cleared) within a specific time by a program reset sequence. If the COP watchdog timer is allowed to timeout, an internal reset is generated to reset the MCU. Regardless of an internal or external reset, the MCU comes out of a COP reset according to the standard rules of mode selection. The COP reset function is enabled or disabled by a mask option and is verified during production testing. The COP watchdog reset will activate the internal pulldown device connected to the RESET pin. 5.6.1 Resetting the COP Preventing a COP reset is done by writing a logic 0 to the COPF bit. This action will reset the counter and begin the timeout period again. The COPF bit is bit 0 of address $1FF0. A read of address $1FF0 will return user data programmed at that location. 5.6.2 COP During Wait Mode The COP will continue to operate normally during wait mode. The software should pull the device out of wait mode periodically and reset the COP by writing to the COPF bit to prevent a COP reset. 5.6.3 COP During Stop Mode When the stop enable mask option is selected, stop mode disables the oscillator circuit and thereby turns the clock off for the entire device. The COP counter will be reset when stop mode is entered. If a reset is used to exit stop mode, the COP counter will be held in reset during the 4064 cycles of startup delay. If any operable interrupt is used to exit stop mode, the COP counter will not be reset during the 4064-cycle startup delay and will have that many cycles already counted when control is returned to the program. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |