| Electronic Components Datasheet Search |
|
HC705E5GRS/D Datasheet(PDF) 85 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705E5GRS/D Datasheet(HTML) 85 Page - NXP Semiconductors |
|
85 / 148 page ![]() Motorola Bus (M Bus) Interface M-Bus Registers MC68HC705E5 — Rev. 1.0 General Release Specification Motorola Bus (M Bus) Interface MAL — Arbitration Lost Bit MAL is set by hardware when the arbitration procedure is lost during a master transmission. This bit must be cleared by software. SRW — R/W Command Bit When MAAS is set, the R/W command bit of the calling address (sent from master) is latched into the R/W command bit (SRW). Checking this bit, the CPU can select the slave transmit/receive mode according to the command of master. 1 = Slave transmit, master reading from slave 0 = Slave receive, master writing to slave MIF — M-Bus Interrupt Bit MIF is set when an interrupt is pending. This will cause an M-bus interrupt request provided MIEN is set. This bit is set when one of the following events occurs: – Transmission of one byte is completed. The bit is set at the falling edge of the ninth clock. – Reception of a calling address which matches its own specific address in slave receive mode. – Arbitration is lost. This bit must be cleared by writing a logic 0 to it. RXAK — Receive Acknowledge Bit If RXAK is low, it indicates an acknowledge signal has been received after the completion of an 8-bit data transmission on the bus. If RXAK is high, it means no acknowledge signal is detected at the ninth clock. 1 = No acknowledge received 0 = Acknowledge received RXAK is set upon reset. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |