Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705E5GRS/D Datasheet(PDF) 40 Page - NXP Semiconductors

Part # HC705E5GRS/D
Description  General Release Specification
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705E5GRS/D Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button HC705E5GRS/D Datasheet HTML 36Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 37Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 38Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 39Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 40Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 41Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 42Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 43Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 148 page
background image
Interrupts
General Release Specification
MC68HC705E5 — Rev. 1.0
Interrupts
4.8 Synchronous Serial Interface Interrupt (SSI)
The SSI flag and enable bits are located in the SSI control (SCR) and
status (SSR) registers. An SSI interrupt will vector to the interrupt service
routine located at the address specified by the contents of memory
locations $1FF4 and $1FF5. For additional information, refer to 12.4 SSI
Registers.
4.9 M-Bus (I2C) Interrupt (M Bus)
The MIF flag and enable bits are located in the M-bus status (MSR) and
control (MCR) registers. An M-bus interrupt will vector to the interrupt
service routine located at the address specified by the contents of
memory locations $1FF2 and $1FF3. For further information, refer to
11.6 M-Bus Registers.
4.10 Operation During Stop Mode
The timer system is cleared and the CPI counter is halted when going
into stop mode. When stop mode is exited by an external interrupt or an
external RESET, the internal oscillator will resume, followed by a
4064-cycle internal processor oscillator stabilization delay. The timer
system counter is then cleared and operation resumes. The CPI will
continue counting once the oscillator resumes and does not wait for the
oscillator to stabilize.
4.11 Operation During Wait Mode
The CPU clock halts during wait mode, but the timer and CPI remain
active. A timer interrupt or custom periodic interrupt, SSI, and M bus will
cause the processor to exit wait mode if the interrupts are enabled.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com