Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705E5GRS/D Datasheet(PDF) 52 Page - NXP Semiconductors

Part # HC705E5GRS/D
Description  General Release Specification
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705E5GRS/D Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button HC705E5GRS/D Datasheet HTML 48Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 49Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 50Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 51Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 52Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 53Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 54Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 55Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 148 page
background image
Input/Output (I/O) Ports
General Release Specification
MC68HC705E5 — Rev. 1.0
Input/Output (I/O) Ports
7.4 Port B
Port B is an 8-bit bidirectional port which does share some of its pins with
other subsystems. The address of the port B data register is $0001 and
the DDR is at address $0005. Reset does not affect the data registers,
but clears the data direction registers, thereby returning the ports to
inputs. Writing a one to a DDR bit sets the corresponding port bit to
output mode. Refer to Section 11. Motorola Bus (M Bus) Interface and
Section 12. Synchronous Serial Interface (SSI) for descriptions of
port B behavior while either module is enabled.
7.5 Port C
Port C is a 4-bit bidirectional port which does not share any of its pins
with other subsystems. The port C data register is at $0002 and the DDR
is at $0006. Reset does not affect the data registers, but clears the data
direction registers, thereby returning the ports to inputs. Writing a one to
a DDR bit sets the corresponding port bit to output mode.
7.6 Input/Output Programming
Ports A, B, and C may be programmed as inputs or outputs under
software control. The direction of the pins is determined by the state of
the corresponding bit in the port DDR with each port having an
associated DDR. Any port A, port B, or port C pin is configured as an
output if its corresponding DDR bit is set to a logic 1. A pin is configured
as an input if its corresponding DDR bit is cleared to a logic 0.
At power-on or reset, all DDRs are cleared, which configures all port A,
B, and C pins as inputs. The data direction registers are capable of being
written to or read from by the processor. During the programmed output
state, a read of the data register actually reads the value of the output
data latch and not the I/O pin. See Table 7-1 and Figure 7-1.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com