Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 52 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 52 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 48Page - Altera Corporation EP4CE40 Datasheet HTML 49Page - Altera Corporation EP4CE40 Datasheet HTML 50Page - Altera Corporation EP4CE40 Datasheet HTML 51Page - Altera Corporation EP4CE40 Datasheet HTML 52Page - Altera Corporation EP4CE40 Datasheet HTML 53Page - Altera Corporation EP4CE40 Datasheet HTML 54Page - Altera Corporation EP4CE40 Datasheet HTML 55Page - Altera Corporation EP4CE40 Datasheet HTML 56Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 488 page
background image
3–16
Chapter 3: Memory Blocks in Cyclone IV Devices
Design Considerations
Cyclone IV Device Handbook,
November 2011
Altera Corporation
Volume 1
Same-Port Read-During-Write Mode
This mode applies to a single-port RAM or the same port of a true dual-port RAM. In
the same port read-during-write mode, there are two output choices: New Data mode
(or flow-through) and Old Data mode. In New Data mode, new data is available on
the rising edge of the same clock cycle on which it was written. In Old Data mode, the
RAM outputs reflect the old data at that address before the write operation proceeds.
When using New Data mode together with byteena, you can control the output of the
RAM. When byteena is high, the data written into the memory passes to the output
(flow-through). When byteena is low, the masked-off data is not written into the
memory and the old data in the memory appears on the outputs. Therefore, the
output can be a combination of new and old data determined by byteena.
Figure 3–14 and Figure 3–15 show sample functional waveforms of same port
read-during-write behavior with both New Data and Old Data modes, respectively.
Mixed-Port Read-During-Write Mode
This mode applies to a RAM in simple or true dual-port mode, which has one port
reading and the other port writing to the same address location with the same clock.
Figure 3–14. Same Port Read-During Write: New Data Mode
Figure 3–15. Same Port Read-During-Write: Old Data Mode
clk_a
wren_a
address_a
data_a
rden_a
q_a (asynch)
a0
a1
AB
C
D
E
F
AB
C
D
E
F
clk_a
wren_a
address_a
data_a
rden_a
q_a (asynch)
a0
a1
AB
C
D
E
F
a0(old data)
a1(old data)
AB
D
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com