Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 20 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 20 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 16Page - Altera Corporation EP4CE40 Datasheet HTML 17Page - Altera Corporation EP4CE40 Datasheet HTML 18Page - Altera Corporation EP4CE40 Datasheet HTML 19Page - Altera Corporation EP4CE40 Datasheet HTML 20Page - Altera Corporation EP4CE40 Datasheet HTML 21Page - Altera Corporation EP4CE40 Datasheet HTML 22Page - Altera Corporation EP4CE40 Datasheet HTML 23Page - Altera Corporation EP4CE40 Datasheet HTML 24Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 488 page
background image
Table 1–4 lists Cyclone IV GX device package offerings, including I/O and transceiver counts.
Table 1–4. Package Offerings for the Cyclone IV GX Device Family (1)
Package
N148
F169
F324
F484
F672
F896
Size (mm)
11 × 11
14 × 14
19 × 19
23 × 23
27 × 27
31 × 31
Pitch (mm)
0.5
1.0
1.0
1.0
1.0
1.0
Device
EP4CGX15
72
25
2
72
25
2
—
—
—
—
—
—
—
—
—
—
—
—
EP4CGX22
—
—
—
72
25
2
150
64
4
—
—
—
—
—
—
—
—
—
EP4CGX30
—
—
—
72
25
2
150
64
4
290
130
4
—
—
—
—
—
—
EP4CGX50
—
—
—
—
—
—
—
—
—
290
130
4
310
140
8
—
—
—
EP4CGX75
—
—
—
—
—
—
—
—
—
290
130
4
310
140
8
—
—
—
EP4CGX110
—
—
—
—
—
—
—
—
—
270
120
4
393
181
8
475
220
8
EP4CGX150
—
—
—
—
—
—
—
—
—
270
120
4
393
181
8
475
220
8
Note to Table 1–4:
(1) Use the Pin Migration View window in Pin Planner of the Quartus II software to verify the pin migration compatibility when you perform device migration. For more information, refer to the I/O
Management chapter in volume 2 of the Quartus II Handbook.
(2) This includes both dedicated and emulated LVDS pairs. For more information, refer to the I/O Features in Cyclone IV Devices chapter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com