Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 93 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 93 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 89Page - Altera Corporation EP4CE40 Datasheet HTML 90Page - Altera Corporation EP4CE40 Datasheet HTML 91Page - Altera Corporation EP4CE40 Datasheet HTML 92Page - Altera Corporation EP4CE40 Datasheet HTML 93Page - Altera Corporation EP4CE40 Datasheet HTML 94Page - Altera Corporation EP4CE40 Datasheet HTML 95Page - Altera Corporation EP4CE40 Datasheet HTML 96Page - Altera Corporation EP4CE40 Datasheet HTML 97Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 488 page
background image
Chapter 5: Clock Networks and PLLs in Cyclone IV Devices
5–31
Hardware Features
October 2012
Altera Corporation
Cyclone IV Device Handbook,
Volume 1
■
When using manual clock switchover, the difference between inclk0 and inclk1
can be more than 20%. However, differences between the two clock sources
(frequency, phase, or both) can cause the PLL to lose lock. Resetting the PLL
ensures that the correct phase relationships are maintained between the input and
output clocks.
■
Both inclk0 and inclk1 must be running when the clkswitch signal goes high to
start the manual clock switchover event. Failing to meet this requirement causes
the clock switchover to malfunction.
■
Applications that require a clock switchover feature and a small frequency drift
must use a low-bandwidth PLL. When referencing input clock changes, the
low-bandwidth PLL reacts slower than a high-bandwidth PLL. When the
switchover happens, the low-bandwidth PLL propagates the stopping of the clock
to the output slower than the high-bandwidth PLL. The low-bandwidth PLL
filters out jitter on the reference clock. However, the low-bandwidth PLL also
increases lock time.
■
After a switchover occurs, there may be a finite resynchronization period for the
PLL to lock onto a new clock. The exact amount of time it takes for the PLL to
re-lock is dependent on the PLL configuration.
■
If the phase relationship between the input clock to the PLL and output clock from
the PLL is important in your design, assert areset for 10 ns after performing a
clock switchover. Wait for the locked signal (or gated lock) to go high before
re-enabling the output clocks from the PLL.
■
Figure 5–20 shows how the VCO frequency gradually decreases when the primary
clock is lost and then increases as the VCO locks on to the secondary clock. After
the VCO locks on to the secondary clock, some overshoot can occur (an
over-frequency condition) in the VCO frequency.
■
Disable the system during switchover if the system is not tolerant to frequency
variations during the PLL resynchronization period. You can use the clkbad0 and
clkbad1
status signals to turn off the PFD (pfdena = 0) so the VCO maintains its
last frequency. You can also use the switchover state machine to switch over to the
secondary clock. Upon enabling the PFD, output clock enable signals (clkena) can
disable clock outputs during the switchover and resynchronization period. After
the lock indication is stable, the system can re-enable the output clock or clocks.
Figure 5–20. VCO Switchover Operating Frequency
Fvco
Primary Clock Stops Running
Switchover Occurs
VCO Tracks Secondary Clock
Frequency Overshoot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com