Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 74 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 74 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 70Page - Altera Corporation EP4CE40 Datasheet HTML 71Page - Altera Corporation EP4CE40 Datasheet HTML 72Page - Altera Corporation EP4CE40 Datasheet HTML 73Page - Altera Corporation EP4CE40 Datasheet HTML 74Page - Altera Corporation EP4CE40 Datasheet HTML 75Page - Altera Corporation EP4CE40 Datasheet HTML 76Page - Altera Corporation EP4CE40 Datasheet HTML 77Page - Altera Corporation EP4CE40 Datasheet HTML 78Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 488 page
background image
5–12
Chapter 5: Clock Networks and PLLs in Cyclone IV Devices
Clock Networks
Cyclone IV Device Handbook,
October 2012
Altera Corporation
Volume 1
GCLK Network Clock Source Generation
Figure 5–2, Figure 5–3, and Figure 5–4 on page 5–14 show the Cyclone IV PLLs, clock
inputs, and clock control block location for different Cyclone IV device densities.
Figure 5–2. Clock Networks and Clock Control Block Locations in EP4CGX15, EP4CGX22, and EP4CGX30 Devices (1), (2)
Notes to Figure 5–2:
(1) The clock networks and clock control block locations apply to all EP4CGX15, EP4CGX22, and EP4CGX30 devices except EP4CGX30 device in F484
package.
(2) PLL_1 and PLL_2 are multipurpose PLLs while PLL_3 and PLL_4 are general purpose PLLs.
(3) There are five clock control blocks on each side.
(4) PLL_4 is only available in EP4CGX22 and EP4CGX30 devices in F324 package.
(5) The EP4CGX15 device has two DPCLK pins on three sides of the device: DPCLK2 and DPCLK5 on bottom side, DPCLK7 and DPCLK8 on the right
side, DPCLK10 and DPCLK13 on the top side of device.
(6) Dedicated clock pins can feed into this PLL. However, these paths are not fully compensated.
PLL_1
PLL_3
PLL_4
PLL_2
20
20
20
20
4
4
4
22
22
2
2
5
5
DPCLK[13..12] (5)
DPCLK[11..10] (5)
CLK[11..8]
GCLK[19..0]
GCLK[19..0]
DPCLK[9..8] (5)
CLK[7..4]
DPCLK[7..6] (5)
DPCLK[3..2] (5)
CLK[15..12]
DPCLK[5..4] (5)
(4)
(6)
HSSI
4
5
4
5
4
5
4
5
4
5
4
5
Clock
Control
Block (3)
Clock
Control
Block (3)
Clock
Control
Block (3)
Clock
Control
Block (3)
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com