Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 98 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 98 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 94Page - Altera Corporation EP4CE40 Datasheet HTML 95Page - Altera Corporation EP4CE40 Datasheet HTML 96Page - Altera Corporation EP4CE40 Datasheet HTML 97Page - Altera Corporation EP4CE40 Datasheet HTML 98Page - Altera Corporation EP4CE40 Datasheet HTML 99Page - Altera Corporation EP4CE40 Datasheet HTML 100Page - Altera Corporation EP4CE40 Datasheet HTML 101Page - Altera Corporation EP4CE40 Datasheet HTML 102Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 488 page
background image
5–36
Chapter 5: Clock Networks and PLLs in Cyclone IV Devices
PLL Reconfiguration
Cyclone IV Device Handbook,
October 2012
Altera Corporation
Volume 1
Figure 5–23 shows a functional simulation of the PLL reconfiguration feature.
1 When reconfiguring the counter clock frequency, the corresponding counter phase
shift settings cannot be reconfigured using the same interface. You can reconfigure
phase shifts in real time using the dynamic phase shift reconfiguration interface. If
you reconfigure the counter frequency, but wish to keep the same non-zero phase shift
setting (for example, 90°) on the clock output, you must reconfigure the phase shift
after reconfiguring the counter clock frequency.
Post-Scale Counters (C0 to C4)
You can configure multiply or divide values and duty cycle of post-scale counters in
real time. Each counter has an 8-bit high time setting and an 8-bit low time setting.
The duty cycle is the ratio of output high or low time to the total cycle time, that is the
sum of the two. Additionally, these counters have two control bits, rbypass, for
bypassing the counter, and rselodd, to select the output clock duty cycle.
When the rbypass bit is set to 1, it bypasses the counter, resulting in a divide by one.
When this bit is set to 0, the PLL computes the effective division of the VCO output
frequency based on the high and low time counters. For example, if the post-scale
divide factor is 10, the high and low count values are set to 5 and 5, to achieve a
50–50% duty cycle. The PLL implements this duty cycle by transitioning the output
clock from high-to-low on the rising edge of the VCO output clock. However, a 4 and
6 setting for the high and low count values, respectively, would produce an output
clock with a 40–60% duty cycle.
The rselodd bit indicates an odd divide factor for the VCO output frequency with a
50% duty cycle. For example, if the post-scale divide factor is three, the high and low
time count values are 2 and 1, respectively, to achieve this division. This implies a
67%–33% duty cycle. If you need a 50%–50% duty cycle, you must set the rselodd
control bit to 1 to achieve this duty cycle despite an odd division factor. The PLL
implements this duty cycle by transitioning the output clock from high-to-low on a
falling edge of the VCO output clock. When you set rselodd = 1, subtract 0.5 cycles
from the high time and add 0.5 cycles to the low time.
For example:
■
High time count = 2 cycles
Figure 5–23. PLL Reconfiguration Scan Chain
scandata
scanclk
scanclkena
scandataout
configupdate
scandone
areset
D0_old
Dn_old
Dn
Dn (MSB)
D0 (LSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com