Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 42 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 42 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 38Page - Altera Corporation EP4CE40 Datasheet HTML 39Page - Altera Corporation EP4CE40 Datasheet HTML 40Page - Altera Corporation EP4CE40 Datasheet HTML 41Page - Altera Corporation EP4CE40 Datasheet HTML 42Page - Altera Corporation EP4CE40 Datasheet HTML 43Page - Altera Corporation EP4CE40 Datasheet HTML 44Page - Altera Corporation EP4CE40 Datasheet HTML 45Page - Altera Corporation EP4CE40 Datasheet HTML 46Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 488 page
background image
3–6
Chapter 3: Memory Blocks in Cyclone IV Devices
Overview
Cyclone IV Device Handbook,
November 2011
Altera Corporation
Volume 1
Figure 3–3 and Figure 3–4 show the address clock enable waveform during read and
write cycles, respectively.
Mixed-Width Support
M9K memory blocks support mixed data widths. When using simple dual-port, true
dual-port, or FIFO modes, mixed width support allows you to read and write
different data widths to an M9K memory block. For more information about the
different widths supported per memory mode, refer to “Memory Modes” on
page 3–7.
Figure 3–3. Cyclone IV Devices Address Clock Enable During Read Cycle Waveform
Figure 3–4. Cyclone IV Devices Address Clock Enable During Write Cycle Waveform
inclock
rden
rdaddress
q (synch)
a0
a1
a2
a3
a4
a5
a6
q (asynch)
an
a0
a4
a5
latched address
(inside memory)
dout0
dout1
dout1
dout4
dout1
dout4
dout5
addressstall
a1
doutn-1
dout1
doutn
doutn
dout1
dout0
dout1
inclock
wren
wraddress
a0
a1
a2
a3
a4
a5
a6
an
a0
a4
a5
latched address
(inside memory)
addressstall
a1
data
00
01
02
03
04
05
06
contents at a0
contents at a1
contents at a2
contents at a3
contents at a4
contents at a5
XX
04
XX
00
03
01
XX
02
XX
XX
XX
05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com