| Electronic Components Datasheet Search |
|
EP4CE40 Datasheet(PDF) 76 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP4CE40 Datasheet(HTML) 76 Page - Altera Corporation |
|
76 / 488 page ![]() 5–14 Chapter 5: Clock Networks and PLLs in Cyclone IV Devices Clock Networks Cyclone IV Device Handbook, October 2012 Altera Corporation Volume 1 The inputs to the clock control blocks on each side of the Cyclone IV GX device must be chosen from among the following clock sources: ■ Four clock input pins ■ Ten PLL counter outputs (five from each adjacent PLLs) ■ Two, four, or six DPCLK pins from the top, bottom, and right sides of the device ■ Five signals from internal logic Figure 5–4. Clock Networks and Clock Control Block Locations in Cyclone IV E Devices Notes to Figure 5–4: (1) There are five clock control blocks on each side. (2) Only one of the corner CDPCLK pins in each corner can feed the clock control block at a time. You can use the other CDPCLK pins as general-purpose I/O (GPIO) pins. (3) Dedicated clock pins can feed into this PLL. However, these paths are not fully compensated. (4) PLL_3 and PLL_4 are not available in EP4CE6 and EP4CE10 devices. PLL_1 PLL_4 PLL_2 PLL_3 20 20 20 20 4 4 4 4 3 4 4 4 2 2 2 2 22 22 5 5 5 5 (2) (2) (2) (2) CDPCLK7 CDPCLK0 CDPCLK1 DPCLK1 DPCLK[11.10] DPCLK[9..8] CLK[11..8] CDPCLK6 DPCLK0 CLK[3..1] GCLK[19..0] GCLK[19..0] CDPCLK5 DPCLK7 CLK[7..4] DPCLK6 CDPCLK4 CDPCLK2 DPCLK[3..2] CLK[15..12] DPCLK[5..4] CDPCLK3 4 4 4 4 (3) (3) (3) (4) (4) (3) Clock Control Block (1) Clock Control Block (1) Clock Control Block (1) Clock Control Block (1) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |