Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 37 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 37 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 33Page - Altera Corporation EP4CE40 Datasheet HTML 34Page - Altera Corporation EP4CE40 Datasheet HTML 35Page - Altera Corporation EP4CE40 Datasheet HTML 36Page - Altera Corporation EP4CE40 Datasheet HTML 37Page - Altera Corporation EP4CE40 Datasheet HTML 38Page - Altera Corporation EP4CE40 Datasheet HTML 39Page - Altera Corporation EP4CE40 Datasheet HTML 40Page - Altera Corporation EP4CE40 Datasheet HTML 41Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 488 page
background image
CYIV-51003-1.1
© 2011 Altera Corporation. All rights reserved. ALTERA, ARRIA, CYCLONE, HARDCOPY, MAX, MEGACORE, NIOS, QUARTUS and STRATIX words and logos
are trademarks of Altera Corporation and registered in the U.S. Patent and Trademark Office and in other countries. All other words and logos identified as
trademarks or service marks are the property of their respective holders as described at www.altera.com/common/legal.html. Altera warrants performance of its
semiconductor products to current specifications in accordance with Altera's standard warranty, but reserves the right to make changes to any products and
services at any time without notice. Altera assumes no responsibility or liability arising out of the application or use of any information, product, or service
described herein except as expressly agreed to in writing by Altera. Altera customers are advised to obtain the latest version of device specifications before relying
on any published information and before placing orders for products or services.
Cyclone IV Device Handbook,
Volume 1
November 2011
Feedback Subscribe
ISO
9001:2008
Registered
3. Memory Blocks in Cyclone IV Devices
Cyclone® IV devices feature embedded memory structures to address the on-chip
memory needs of Altera® Cyclone IV device designs. The embedded memory
structure consists of columns of M9K memory blocks that you can configure to
provide various memory functions, such as RAM, shift registers, ROM, and FIFO
buffers.
This chapter contains the following sections:
■
“Memory Modes” on page 3–7
■
“Clocking Modes” on page 3–14
■
“Design Considerations” on page 3–15
Overview
M9K blocks support the following features:
■
8,192 memory bits per block (9,216 bits per block including parity)
■
Independent read-enable (rden) and write-enable (wren) signals for each port
■
Packed mode in which the M9K memory block is split into two 4.5 K single-port
RAMs
■
Variable port configurations
■
Single-port and simple dual-port modes support for all port widths
■
True dual-port (one read and one write, two reads, or two writes) operation
■
Byte enables for data input masking during writes
■
Two clock-enable control signals for each port (port A and port B)
■
Initialization file to pre-load memory content in RAM and ROM modes
November 2011
CYIV-51003-1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com