Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 82 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 82 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 78Page - Altera Corporation EP4CE40 Datasheet HTML 79Page - Altera Corporation EP4CE40 Datasheet HTML 80Page - Altera Corporation EP4CE40 Datasheet HTML 81Page - Altera Corporation EP4CE40 Datasheet HTML 82Page - Altera Corporation EP4CE40 Datasheet HTML 83Page - Altera Corporation EP4CE40 Datasheet HTML 84Page - Altera Corporation EP4CE40 Datasheet HTML 85Page - Altera Corporation EP4CE40 Datasheet HTML 86Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 488 page
background image
5–20
Chapter 5: Clock Networks and PLLs in Cyclone IV Devices
Cyclone IV PLL Hardware Overview
Cyclone IV Device Handbook,
October 2012
Altera Corporation
Volume 1
Cyclone IV PLL Hardware Overview
This section gives a hardware overview of the Cyclone IV PLL.
Figure 5–9 shows a simplified block diagram of the major components of the PLL of
Cyclone IV GX devices.
Loss of lock detection
v
Notes to Table 5–6:
(1) C counters range from 1 through 512 if the output clock uses a 50% duty cycle. For any output clocks using a
non-50% duty cycle, the post-scale counters range from 1 through 256.
(2) Only applicable if the input clock jitter is in the input jitter tolerance specifications.
(3) The smallest phase shift is determined by the VCO period divided by eight. For degree increments, Cyclone IV E
devices can shift all output frequencies in increments of at least 45°. Smaller degree increments are possible
depending on the frequency and divide parameters.
Table 5–6. Cyclone IV E PLL Features (Part 2 of 2)
Hardware Features
Availability
Figure 5–9. Cyclone IV GX PLL Block Diagram (1)
Notes to Figure 5–9:
(1) Each clock source can come from any of the four clock pins located on the same side of the device as the PLL.
(2) There are additional 4 pairs of dedicated differential clock inputs in EP4CGX50, EP4CGX75, EP4CGX110, and EP4CGX150 devices that can only
drive general purpose PLLs and multipurpose PLLs on the left side of the device. CLK[19..16] can access PLL_2, PLL_6, PLL_7, and PLL_8
while CLK[23..20] can access PLL_1, PLL_5, PLL_6, and PLL_7. For the location of these clock input pins, refer to Figure 5–3 on page 5–13.
(3) This is the VCO post
-scale counter K.
(4) This input port is fed by a pin
-driven dedicated GCLK, or through a clock control block if the clock control block is fed by an output from another
PLL or a pin
-driven dedicated GCLK. An internally generated global signal cannot drive the PLL.
(5) For the general purpose PLL and multipurpose PLL counter outputs connectivity to the GCLKs, refer to Table 5–1 on page 5–2 and Table 5–2 on
page 5–4.
(6) Only the CI output counter can drive the TX serial clock.
(7) Only the C2 output counter can drive the TX load enable.
(8) Only the C3 output counter can drive the TX parallel clock.
Clock
Switchover
Block
inclk0
inclk1
Clock inputs
from pins
GCLK
pfdena
clkswitch
clkbad0
clkbad1
activeclock
FREF for ppm detect
(MPLLs, GPLL1, and GPLL2 only)
PFD
LOCK
circuit
lock
To RX CDR clocks
(MPLLs only)
÷n
CP
LF
VCO
÷2 (3)
÷C0
÷C1
÷C2
÷C3
÷C4
÷M
PLL
output
mux
GCLKs
(5)
TX serial clock (MPLLs,
GPLL1, and GPLL2 only)
(6)
TX load enable (MPLLs,
GPLL1, and GPLL2 only)
(7)
TX parallel clock (MPLLs ,
GPLL1, and GPLL2only)
(8)
External clock output
8
8
8
÷
2, ÷4
4 (2)
GCLK networks
no compensation;
ZDB mode
source-synchronous;
normal mode
VCO
Range
Detector
VCOOVRR
VCOUNDR
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com