Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 84 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 84 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 80Page - Altera Corporation EP4CE40 Datasheet HTML 81Page - Altera Corporation EP4CE40 Datasheet HTML 82Page - Altera Corporation EP4CE40 Datasheet HTML 83Page - Altera Corporation EP4CE40 Datasheet HTML 84Page - Altera Corporation EP4CE40 Datasheet HTML 85Page - Altera Corporation EP4CE40 Datasheet HTML 86Page - Altera Corporation EP4CE40 Datasheet HTML 87Page - Altera Corporation EP4CE40 Datasheet HTML 88Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 488 page
background image
5–22
Chapter 5: Clock Networks and PLLs in Cyclone IV Devices
Cyclone IV PLL Hardware Overview
Cyclone IV Device Handbook,
October 2012
Altera Corporation
Volume 1
Figure 5–11 shows the external clock outputs for PLLs.
Each pin of a differential output pair is 180° out of phase. The Quartus II software
places the NOT gate in your design into the I/O element to implement 180° phase
with respect to the other pin in the pair. The clock output pin pairs support the same
I/O standards as standard output pins.
f To determine which I/O standards are supported by the PLL clock input and output
pins, refer to the Cyclone IV Device I/O Features chapter.
Cyclone IV PLLs can drive out to any regular I/O pin through the GCLK. You can also
use the external clock output pins as GPIO pins if external PLL clocking is not
required.
Figure 5–11. External Clock Outputs for PLLs
Notes to Figure 5–11:
(1) These external clock enable signals are available only when using the ALTCLKCTRL megafunction.
(2) PLL#_CLKOUTp and PLL#_CLKOUTn pins are dual
-purpose I/O pins that you can use as one single-ended clock
output or one differential clock output. When using both pins as single
-ended I/Os, one of them can be the clock
output while the other pin is configured as a regular user I/O.
C0
C1
C2
C4
C3
PLL#
clkena 1
(1)
clkena 0
(1)
PLL#_CLKOUTp
(2)
PLL#_CLKOUTn
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com