Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 80 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 80 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 76Page - Altera Corporation EP4CE40 Datasheet HTML 77Page - Altera Corporation EP4CE40 Datasheet HTML 78Page - Altera Corporation EP4CE40 Datasheet HTML 79Page - Altera Corporation EP4CE40 Datasheet HTML 80Page - Altera Corporation EP4CE40 Datasheet HTML 81Page - Altera Corporation EP4CE40 Datasheet HTML 82Page - Altera Corporation EP4CE40 Datasheet HTML 83Page - Altera Corporation EP4CE40 Datasheet HTML 84Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 488 page
background image
5–18
Chapter 5: Clock Networks and PLLs in Cyclone IV Devices
PLLs in Cyclone IV Devices
Cyclone IV Device Handbook,
October 2012
Altera Corporation
Volume 1
PLLs in Cyclone IV Devices
Cyclone IV GX devices offer two variations of PLLs: general purpose PLLs and
multipurpose PLLs. Cyclone IV E devices only have the general purpose PLLs.
The general purpose PLLs are used for general-purpose applications in the FPGA
fabric and periphery such as external memory interfaces. The multipurpose PLLs are
used for clocking the transceiver blocks. When the multipurpose PLLs are not used
for transceiver clocking, they can be used for general-purpose clocking.
f For more details about the multipurpose PLLs used for transceiver clocking, refer to
the Cyclone IV Transceivers chapter.
Cyclone IV GX devices contain up to eight general purpose PLLs and multipurpose
PLLs while Cyclone IV E devices have up to four general purpose PLLs that provide
robust clock management and synthesis for device clock management, external
system clock management, and high-speed I/O interfaces.
f For more information about the number of general purpose PLLs and multipurpose
PLLs in each device density, refer to the Cyclone IV Device Family Overview chapter.
1 The general I/O pins cannot drive the PLL clock input pins.
Table 5–5 lists the features available in Cyclone IV GX PLLs.
Table 5–5. Cyclone IV GX PLL Features (Part 1 of 2)
Features
Availability
General Purpose PLLs
Multipurpose PLLs
PLL_1
(1), (10)
PLL_2
(1), (10)
PLL_
3 (2)
PLL_
4 (3)
PLL_1
(4)
PLL_2
(4)
PLL_5
(1), (10)
PLL_6
(1), (10)
PLL_7
(1)
PLL_8
(1)
C (output counters)
5
M, N, C counter sizes
1 to 512 (5)
Dedicated clock outputs
1 single-ended or 1 differential pair
Clock input pins
12 single-ended or 6 differential pairs (6)
and 4 differential pairs (7)
Spread
-spectrum input clock
tracking
v (8)
PLL cascading
Through GCLK
Source
-Synchronous Mode
v
v
v
v
v
v
v
—
—
v
No Compensation Mode
v
v
v
v
v
v
v
v
v
v
Normal Mode
v
v
v
v
v
v
v
—
—
v
Zero Delay Buffer Mode
v
v
v
v
v
v
v
—
—
v
Deterministic Latency
Compensation Mode
v
v
—
—
v
v
v
v
v
v
Phase shift resolution (9)
Down to 96 ps increments
Programmable duty cycle
v
Output counter cascading
v



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com