Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 91 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 91 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 87Page - Altera Corporation EP4CE40 Datasheet HTML 88Page - Altera Corporation EP4CE40 Datasheet HTML 89Page - Altera Corporation EP4CE40 Datasheet HTML 90Page - Altera Corporation EP4CE40 Datasheet HTML 91Page - Altera Corporation EP4CE40 Datasheet HTML 92Page - Altera Corporation EP4CE40 Datasheet HTML 93Page - Altera Corporation EP4CE40 Datasheet HTML 94Page - Altera Corporation EP4CE40 Datasheet HTML 95Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 488 page
background image
Chapter 5: Clock Networks and PLLs in Cyclone IV Devices
5–29
Hardware Features
October 2012
Altera Corporation
Cyclone IV Device Handbook,
Volume 1
20%. This feature is useful when clock sources can originate from multiple cards
on the backplane, requiring a system-controlled switchover between frequencies
of operation. Choose the secondary clock frequency so the VCO operates in the
recommended frequency range. Also, set the M, N, and C counters accordingly to
keep the VCO operating frequency in the recommended range.
Figure 5–18 shows a waveform example of the switchover feature when using
automatic loss of clock detection. Here, the inclk0 signal remains low. After the
inclk0
signal remains low for approximately two clock cycles, the clock-sense
circuitry drives the clkbad0 signal high. Also, because the reference clock signal is not
toggling, the switchover state machine controls the multiplexer through the clksw
signal to switch to inclk1.
Manual Override
If you are using the automatic switchover, you must switch input clocks with the
manual override feature with the clkswitch input.
Figure 5–19 shows an example of a waveform illustrating the switchover feature
when controlled by clkswitch. In this case, both clock sources are functional and
inclk0
is selected as the reference clock. A low-to-high transition of the clkswitch
signal starts the switchover sequence. The clkswitch signal must be high for at least
three clock cycles (at least three of the longer clock period if inclk0 and inclk1 have
different frequencies). On the falling edge of inclk0, the reference clock of the counter,
muxout
, is gated off to prevent any clock glitching. On the falling edge of inclk1, the
reference clock multiplexer switches from inclk0 to inclk1 as the PLL reference, and
the activeclock signal changes to indicate which clock is currently feeding the PLL.
Figure 5–18. Automatic Switchover Upon Clock Loss Detection (1)
Note to Figure 5–18:
(1) Switchover is enabled on the falling edge of inclk0 or inclk1, depending on which clock is available. In this figure,
switchover is enabled on the falling edge of inclk1.
inclk0
inclk1
muxout
clkbad0
clkbad1
(1)
activeclock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com