Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 17 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 17 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 13Page - Altera Corporation EP4CE40 Datasheet HTML 14Page - Altera Corporation EP4CE40 Datasheet HTML 15Page - Altera Corporation EP4CE40 Datasheet HTML 16Page - Altera Corporation EP4CE40 Datasheet HTML 17Page - Altera Corporation EP4CE40 Datasheet HTML 18Page - Altera Corporation EP4CE40 Datasheet HTML 19Page - Altera Corporation EP4CE40 Datasheet HTML 20Page - Altera Corporation EP4CE40 Datasheet HTML 21Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 488 page
background image
Chapter 1: Cyclone IV FPGA Device Family Overview
1–3
Device Resources
April 2014
Altera Corporation
Cyclone IV Device Handbook,
Volume 1
■
Up to 532 user I/Os
■
LVDS interfaces up to 840 Mbps transmitter (Tx), 875 Mbps Rx
■
Support for DDR2 SDRAM interfaces up to 200 MHz
■
Support for QDRII SRAM and DDR SDRAM up to 167 MHz
■
Up to eight phase-locked loops (PLLs) per device
■
Offered in commercial and industrial temperature grades
Device Resources
Table 1–1 lists Cyclone IV E device resources.
Table 1–1. Resources for the Cyclone IV E Device Family
Resources
Logic elements (LEs)
6,272
10,320
15,408
22,320
28,848
39,600
55,856
75,408
114,480
Embedded memory
(Kbits)
270
414
504
594
594
1,134
2,340
2,745
3,888
Embedded 18 × 18
multipliers
15
23
56
66
66
116
154
200
266
General-purpose PLLs
2
2
4
4
4
4
4
4
4
Global Clock Networks
10
10
20
20
20
20
20
20
20
User I/O Banks
8
8
8
8
8
8
8
8
8
Maximum user I/O (1)
179
179
343
153
532
532
374
426
528
Note to Table 1–1:
(1) The user I/Os count from pin-out files includes all general purpose I/O, dedicated clock pins, and dual purpose configuration pins. Transceiver
pins and dedicated configuration pins are not included in the pin count.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com