Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 78 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 78 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 74Page - Altera Corporation EP4CE40 Datasheet HTML 75Page - Altera Corporation EP4CE40 Datasheet HTML 76Page - Altera Corporation EP4CE40 Datasheet HTML 77Page - Altera Corporation EP4CE40 Datasheet HTML 78Page - Altera Corporation EP4CE40 Datasheet HTML 79Page - Altera Corporation EP4CE40 Datasheet HTML 80Page - Altera Corporation EP4CE40 Datasheet HTML 81Page - Altera Corporation EP4CE40 Datasheet HTML 82Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 488 page
background image
5–16
Chapter 5: Clock Networks and PLLs in Cyclone IV Devices
Clock Networks
Cyclone IV Device Handbook,
October 2012
Altera Corporation
Volume 1
Figure 5–6 shows a simplified version of the five clock control blocks on each side of
the Cyclone IV E device periphery.
GCLK Network Power Down
You can disable a Cyclone IV device’s GCLK (power down) using both static and
dynamic approaches. In the static approach, configuration bits are set in the
configuration file generated by the Quartus II software, which automatically disables
unused GCLKs. The dynamic clock enable or disable feature allows internal logic to
control clock enable or disable the GCLKs in Cyclone IV devices.
When a clock network is disabled, all the logic fed by the clock network is in an
off-state, thereby reducing the overall power consumption of the device. This function
is independent of the PLL and is applied directly on the clock network, as shown in
Figure 5–1 on page 5–11.
You can set the input clock sources and the clkena signals for the GCLK multiplexers
through the Quartus II software using the ALTCLKCTRL megafunction.
f For more information, refer to the ALTCLKCTRL Megafunction User Guide.
clkena Signals
Cyclone IV devices support clkena signals at the GCLK network level. This allows
you to gate-off the clock even when a PLL is used. Upon re-enabling the output clock,
the PLL does not need a resynchronization or re-lock period because the circuit gates
off the clock at the clock network level. In addition, the PLL can remain locked
independent of the clkena signals because the loop-related counters are not affected.
Figure 5–6. Clock Control Blocks on Each Side of Cyclone IV E Device (1)
Note to Figure 5–6:
(1) The left and right sides of the device have two DPCLK pins; the top and bottom of the device have four DPCLK pins.
5
GCLK
Clock Input Pins
3 or 4
DPCLK
Internal Logic
Clock
Control
Block
5
PLL Outputs
5
2 or 4
CDPCLK
2
Five Clock Control
Blocks on Each Side
of the Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com