Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 92 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 92 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 88Page - Altera Corporation EP4CE40 Datasheet HTML 89Page - Altera Corporation EP4CE40 Datasheet HTML 90Page - Altera Corporation EP4CE40 Datasheet HTML 91Page - Altera Corporation EP4CE40 Datasheet HTML 92Page - Altera Corporation EP4CE40 Datasheet HTML 93Page - Altera Corporation EP4CE40 Datasheet HTML 94Page - Altera Corporation EP4CE40 Datasheet HTML 95Page - Altera Corporation EP4CE40 Datasheet HTML 96Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 488 page
background image
5–30
Chapter 5: Clock Networks and PLLs in Cyclone IV Devices
Hardware Features
Cyclone IV Device Handbook,
October 2012
Altera Corporation
Volume 1
In this mode, the activeclock signal mirrors the clkswitch signal. As both blocks are
still functional during the manual switch, neither clkbad signals go high. Because the
switchover circuit is positive edge-sensitive, the falling edge of the clkswitch signal
does not cause the circuit to switch back from inclk1 to inclk0. When the clkswitch
signal goes high again, the process repeats. The clkswitch signal and the automatic
switch only works depending on the availability of the clock that is switched to. If the
clock is unavailable, the state machine waits until the clock is available.
1 When CLKSWITCH = 1, it overrides the automatic switch-over function. As long as
clkswitch
signal is high, further switch-over action is blocked.
Manual Clock Switchover
PLLs of Cyclone IV devices support manual switchover, in which the clkswitch
signal controls whether inclk0 or inclk1 is the input clock to the PLL. The
characteristics of a manual switchover are similar to the manual override feature in an
automatic clock switchover, in which the switchover circuit is edge-sensitive. When
the clkswitch signal goes high, the switchover sequence starts. The falling edge of the
clkswitch
signal does not cause the circuit to switch back to the previous input clock.
f For more information about PLL software support in the Quartus II software, refer to
the ALTPLL Megafunction User Guide.
Guidelines
Use the following guidelines to design with clock switchover in PLLs:
■
Clock loss detection and automatic clock switchover require the inclk0 and
inclk1
frequencies be within 20% of each other. Failing to meet this requirement
causes the clkbad0 and clkbad1 signals to function improperly.
Figure 5–19. Clock Switchover Using the clkswitch Control (1)
Note to Figure 5–19:
(1) Both inclk0 and inclk1 must be running when the clkswitch signal goes high to start a manual clock switchover
event.
inclk0
inclk1
muxout
clkswitch
activeclock
clkbad0
clkbad1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com