| Electronic Components Datasheet Search |
|
EP4CE40 Datasheet(PDF) 44 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP4CE40 Datasheet(HTML) 44 Page - Altera Corporation |
|
44 / 488 page ![]() 3–8 Chapter 3: Memory Blocks in Cyclone IV Devices Memory Modes Cyclone IV Device Handbook, November 2011 Altera Corporation Volume 1 1 Violating the setup or hold time on the M9K memory block input registers may corrupt memory contents. This applies to both read and write operations. Single-Port Mode Single-port mode supports non-simultaneous read and write operations from a single address. Figure 3–6 shows the single-port memory configuration for Cyclone IV devices M9K memory blocks. During a write operation, the behavior of the RAM outputs is configurable. If you activate rden during a write operation, the RAM outputs show either the new data being written or the old data at that address. If you perform a write operation with rden deactivated, the RAM outputs retain the values they held during the most recent active rden signal. To choose the desired behavior, set the Read-During-Write option to either New Data or Old Data in the RAM MegaWizard Plug-In Manager in the Quartus II software. For more information about read-during-write mode, refer to “Read-During-Write Operations” on page 3–15. The port width configurations for M9K blocks in single-port mode are as follow: ■ 8192 × 1 ■ 4096 × 2 ■ 2048 × 4 ■ 1024 × 8 ■ 1024 × 9 ■ 512 × 16 ■ 512 × 18 ■ 256 × 32 ■ 256 × 36 Figure 3–6. Single-Port Memory (1), (2) Notes to Figure 3–6: (1) You can implement two single-port memory blocks in a single M9K block. (2) For more information, refer to “Packed Mode Support” on page 3–4. data[] address[] wren byteena[] addressstall inclock inclocken rden aclr outclock q[] outclocken |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |