| Electronic Components Datasheet Search |
|
EP4CE40 Datasheet(PDF) 73 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP4CE40 Datasheet(HTML) 73 Page - Altera Corporation |
|
73 / 488 page ![]() Chapter 5: Clock Networks and PLLs in Cyclone IV Devices 5–11 Clock Networks October 2012 Altera Corporation Cyclone IV Device Handbook, Volume 1 Figure 5–1 shows the clock control block. Each PLL generates five clock outputs through the c[4..0] counters. Two of these clocks can drive the GCLK through a clock control block, as shown in Figure 5–1. f For more information about how to use the clock control block in the Quartus II software, refer to the ALTCLKCTRL Megafunction User Guide. Figure 5–1. Clock Control Block Notes to Figure 5–1: (1) The clkswitch signal can either be set through the configuration file or dynamically set when using the manual PLL switchover feature. The output of the multiplexer is the input clock (fIN) for the PLL. (2) The clkselect[1..0] signals are fed by internal logic and are used to dynamically select the clock source for the GCLK when the device is in user mode. (3) The static clock select signals are set in the configuration file. Therefore, dynamic control when the device is in user mode is not feasible. (4) Two out of four PLL clock outputs are selected from adjacent PLLs to drive into the clock control block. (5) You can use internal logic to enable or disable the GCLK in user mode. (6) CLK[n] is not available on the left side of Cyclone IV E devices. CLKSWITCH (1) Static Clock Select (3) Static Clock Select (3) Internal Logic Clock Control Block Not applicable to Cyclone IV E devices DPCLK CLKSELECT[1..0] (2) Internal Logic (5) inclk1 inclk0 CLK[n + 3] CLK[n + 2] CLK[n + 1] CLK[n] (6) fIN C0 C1 C2 PLL Global Clock Enable/ Disable C3 C4 CLKSWITCH (1) inclk1 inclk0 fIN C0 C1 C2 PLL C3 C4 (4) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |