Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 89 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 89 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 85Page - Altera Corporation EP4CE40 Datasheet HTML 86Page - Altera Corporation EP4CE40 Datasheet HTML 87Page - Altera Corporation EP4CE40 Datasheet HTML 88Page - Altera Corporation EP4CE40 Datasheet HTML 89Page - Altera Corporation EP4CE40 Datasheet HTML 90Page - Altera Corporation EP4CE40 Datasheet HTML 91Page - Altera Corporation EP4CE40 Datasheet HTML 92Page - Altera Corporation EP4CE40 Datasheet HTML 93Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 488 page
background image
Chapter 5: Clock Networks and PLLs in Cyclone IV Devices
5–27
Hardware Features
October 2012
Altera Corporation
Cyclone IV Device Handbook,
Volume 1
Post-Scale Counter Cascading
PLLs of Cyclone IV devices support post-scale counter cascading to create counters
larger than 512. This is implemented by feeding the output of one C counter into the
input of the next C counter, as shown in Figure 5–16.
When cascading counters to implement a larger division of the high-frequency VCO
clock, the cascaded counters behave as one counter with the product of the individual
counter settings.
For example, if C0 = 4 and C1 = 2, the cascaded value is C0 × C1 = 8.
1 Post-scale counter cascading is automatically set by the Quartus II software in the
configuration file. Post-scale counter cascading cannot be performed using the PLL
reconfiguration.
Programmable Duty Cycle
The programmable duty cycle allows PLLs to generate clock outputs with a variable
duty cycle. This feature is supported on the PLL post-scale counters. You can achieve
the duty cycle setting by a low and high time count setting for the post-scale counters.
The Quartus II software uses the frequency input and the required multiply or divide
rate to determine the duty cycle choices. The post-scale counter value determines the
precision of the duty cycle. The precision is defined by 50% divided by the post-scale
counter value. For example, if the C0 counter is 10, steps of 5% are possible for duty
cycle choices between 5 to 90%.
Combining the programmable duty cycle with programmable phase shift allows the
generation of precise non-overlapping clocks.
PLL Control Signals
You can use the pfdena, areset, and locked signals to observe and control the PLL
operation and resynchronization.
f For more information about the PLL control signals, refer to the ALTPLL Megafunction
User Guide.
Figure 5–16. Counter Cascading
C0
C1
C2
C3
C4
VCO Output
VCO Output
VCO Output
VCO Output
VCO Output
VCO Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com