Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 90 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 90 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 86Page - Altera Corporation EP4CE40 Datasheet HTML 87Page - Altera Corporation EP4CE40 Datasheet HTML 88Page - Altera Corporation EP4CE40 Datasheet HTML 89Page - Altera Corporation EP4CE40 Datasheet HTML 90Page - Altera Corporation EP4CE40 Datasheet HTML 91Page - Altera Corporation EP4CE40 Datasheet HTML 92Page - Altera Corporation EP4CE40 Datasheet HTML 93Page - Altera Corporation EP4CE40 Datasheet HTML 94Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 488 page
background image
5–28
Chapter 5: Clock Networks and PLLs in Cyclone IV Devices
Hardware Features
Cyclone IV Device Handbook,
October 2012
Altera Corporation
Volume 1
Clock Switchover
The clock switchover feature allows the PLL to switch between two reference input
clocks. Use this feature for clock redundancy or for a dual-clock domain application,
such as a system that turns on the redundant clock if the previous clock stops running.
Your design can automatically perform clock switchover when the clock is no longer
toggling, or based on the user control signal, clkswitch.
Automatic Clock Switchover
PLLs of Cyclone IV devices support a fully configurable clock switchover capability.
When the current reference clock is not present, the clock-sense block automatically
switches to the backup clock for PLL reference. The clock switchover circuit also sends
out three status signals—clkbad0, clkbad1, and activeclock—from the PLL to
implement a custom switchover circuit. You can select a clock source at the backup
clock by connecting it to the inclk1 port of the PLL in your design.
Figure 5–17 shows the block diagram of the switchover circuit built into the PLL.
There are two ways to use the clock switchover feature:
■
Use the switchover circuitry for switching from inclk0 to inclk1 running at the
same frequency. For example, in applications that require a redundant clock with
the same frequency as the reference clock, the switchover state machine generates
a signal that controls the multiplexer select input shown in Figure 5–17. In this
case, inclk1 becomes the reference clock for the PLL. This automatic switchover
can switch back and forth between the inclk0 and inclk1 clocks any number of
times, when one of the two clocks fails and the other clock is available.
■
Use the clkswitch input for user- or system-controlled switch conditions. This is
possible for same-frequency switchover or to switch between inputs of different
frequencies. For example, if inclk0 is 66 MHz and inclk1 is 200 MHz, you must
control the switchover because the automatic clock-sense circuitry cannot monitor
primary and secondary clock frequencies with a frequency difference of more than
Figure 5–17. Automatic Clock Switchover Circuit
Switchover
State
Machine
Clock
Sense
n Counter
PFD
clkswitch
(provides manual
switchover support)
activeclock
clkbad1
clkbad0
muxout
inclk0
inclk1
refclk
fbclk
clksw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com