| Electronic Components Datasheet Search |
|
EP4CE40 Datasheet(PDF) 101 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP4CE40 Datasheet(HTML) 101 Page - Altera Corporation |
|
101 / 488 page ![]() Chapter 5: Clock Networks and PLLs in Cyclone IV Devices 5–39 PLL Reconfiguration October 2012 Altera Corporation Cyclone IV Device Handbook, Volume 1 Bypassing a PLL Counter Bypassing a PLL counter results in a divide (N, C0 to C4 counters) factor of one. Table 5–11 lists the settings for bypassing the counters in PLLs of Cyclone IV devices. To bypass any of the PLL counters, set the bypass bit to 1. The values on the other bits are then ignored. Dynamic Phase Shifting The dynamic phase shifting feature allows the output phase of individual PLL outputs to be dynamically adjusted relative to each other and the reference clock without sending serial data through the scan chain of the corresponding PLL. This feature simplifies the interface and allows you to quickly adjust tCO delays by changing output clock phase shift in real time. This is achieved by incrementing or decrementing the VCO phase-tap selection to a given C counter or to the M counter. The phase is shifted by 1/8 the VCO frequency at a time. The output clocks are active during this phase reconfiguration process. Table 5–12 lists the control signals that are used for dynamic phase shifting. Table 5–10. Loop Filter Control of High Frequency Capacitor LFC[1] LFC[0] Setting (Decimal) 0 0 0 0 1 1 1 1 3 Table 5–11. PLL Counter Settings PLL Scan Chain Bits [0..8] Settings Description LSB MSB X X X X X X X X 1 (1) PLL counter bypassed X X X X X X X X 0 (1) PLL counter not bypassed Note to Table 5–11: (1) Bypass bit. Table 5–12. Dynamic Phase Shifting Control Signals (Part 1 of 2) Signal Name Description Source Destination phasecounterselect[2..0] Counter Select. Three bits decoded to select either the M or one of the C counters for phase adjustment. One address map to select all C counters. This signal is registered in the PLL on the rising edge of scanclk. Logic array or I/O pins PLL reconfiguration circuit phaseupdown Selects dynamic phase shift direction; 1= UP, 0 = DOWN. Signal is registered in the PLL on the rising edge of scanclk. Logic array or I/O pins PLL reconfiguration circuit phasestep Logic high enables dynamic phase shifting. Logic array or I/O pins PLL reconfiguration circuit |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |