Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10WMDA Datasheet(PDF) 113 Page - Renesas Technology Corp

Part # R5F10WMDA
Description  Ultra-low power consumption technology
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10WMDA Datasheet(HTML) 113 Page - Renesas Technology Corp

Back Button R5F10WMDA Datasheet HTML 109Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 110Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 111Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 112Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 113Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 114Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 115Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 116Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 117Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 126 page
background image
RL78/L13
3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA =
−40 to +105°C)
R01DS0168EJ0210 Rev.2.10
Aug 12, 2016
Page 113 of 123
3.6.3 Comparator
(TA =
−40 to +105°C, 2.4 V ≤ VDD ≤ 5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input voltage range
Ivref
0
VDD
−
1.4
V
Ivcmp
−0.3
VDD +
0.3
V
Output delay
td
VDD = 3.0 V
Input slew rate > 50 mV/
μs
Comparator high-speed mode,
standard mode
1.2
μs
Comparator high-speed mode,
window mode
2.0
μs
Comparator low-speed mode,
standard mode
3.0
5.0
μs
High-electric-potential
reference voltage
VTW+
Comparator high-speed mode,
window mode
0.66VDD 0.76VDD 0.86VDD
V
Low-electric-potential
reference voltage
VTW
−
Comparator high-speed mode,
window mode
0.14VDD 0.24VDD 0.34VDD
V
Operation stabilization
wait time
tCMP
100
μs
Internal reference
output voltageNote
VBGR
2.4 V
≤ VDD ≤ 5.5 V, HS (high-speed main) mode
1.38
1.45
1.50
V
Note
Cannot be used in subsystem clock operation and STOP mode.
3.6.4 POR circuit characteristics
(TA =
−40 to +105°C, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Detection voltage
VPOR
When power supply rises
1.45
1.51
1.57
V
VPDR
When power supply falls
1.44
1.50
1.56
V
Minimum pulse widthNote
TPW
300
μs
Note
This is the time required for the POR circuit to execute a reset operation when VDD falls below VPDR. When the
microcontroller enters STOP mode and when the main system clock (fMAIN) has been stopped by setting bit 0
(HIOSTOP) and bit 7 (MSTOP) of the clock operation status control register (CSC), this is the time required for
the POR circuit to execute a reset operation between when VDD falls below 0.7 V and when VDD rises to VPOR or
higher.
Supply voltage (VDD)
TPW
VPOR
VPDR or 0.7 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com