Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10WMDA Datasheet(PDF) 116 Page - Renesas Technology Corp

Part # R5F10WMDA
Description  Ultra-low power consumption technology
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10WMDA Datasheet(HTML) 116 Page - Renesas Technology Corp

Back Button R5F10WMDA Datasheet HTML 112Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 113Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 114Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 115Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 116Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 117Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 118Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 119Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 120Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 126 page
background image
RL78/L13
3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA =
−40 to +105°C)
R01DS0168EJ0210 Rev.2.10
Aug 12, 2016
Page 116 of 123
3.7.2 Internal voltage boosting method
(1) 1/3 bias method
(TA =
−40 to +105°C, 2.4 V ≤ VDD ≤ 5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
LCD output voltage variation range
VL1
C1 to C4Note 1
= 0.47
μFNote 2
VLCD = 04H
0.90
1.00
1.08
V
VLCD = 05H
0.95
1.05
1.13
V
VLCD = 06H
1.00
1.10
1.18
V
VLCD = 07H
1.05
1.15
1.23
V
VLCD = 08H
1.10
1.20
1.28
V
VLCD = 09H
1.15
1.25
1.33
V
VLCD = 0AH
1.20
1.30
1.38
V
VLCD = 0BH
1.25
1.35
1.43
V
VLCD = 0CH
1.30
1.40
1.48
V
VLCD = 0DH
1.35
1.45
1.53
V
VLCD = 0EH
1.40
1.50
1.58
V
VLCD = 0FH
1.45
1.55
1.63
V
VLCD = 10H
1.50
1.60
1.68
V
VLCD = 11H
1.55
1.65
1.73
V
VLCD = 12H
1.60
1.70
1.78
V
VLCD = 13H
1.65
1.75
1.83
V
Doubler output voltage
VL2
C1 to C4Note 1 = 0.47
μF
2 VL1
− 0.10
2 VL1
2 VL1
V
Tripler output voltage
VL4
C1 to C4Note 1 = 0.47
μF
3 VL1
− 0.15
3 VL1
3 VL1
V
Reference voltage setup timeNote 2
tVWAIT1
5
ms
Voltage boost wait timeNote 3
tVWAIT2
C1 to C4Note 1 = 0.47
μF
500
ms
Notes 1.
This is a capacitor that is connected between voltage pins used to drive the LCD.
C1: A capacitor connected between CAPH and CAPL
C2: A capacitor connected between VL1 and GND
C3: A capacitor connected between VL2 and GND
C4: A capacitor connected between VL4 and GND
C1 = C2 = C3 = C4 = 0.47
μF ± 30%
2.
This is the time required to wait from when the reference voltage is specified by using the VLCD register (or
when the internal voltage boosting method is selected (by setting the MDSET1 and MDSET0 bits of the
LCDM0 register to 01B) if the default value reference voltage is used) until voltage boosting starts (VLCON =
1).
3.
This is the wait time from when voltage boosting is started (VLCON = 1) until display is enabled (LCDON = 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com