Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10WMDA Datasheet(PDF) 114 Page - Renesas Technology Corp

Part # R5F10WMDA
Description  Ultra-low power consumption technology
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10WMDA Datasheet(HTML) 114 Page - Renesas Technology Corp

Back Button R5F10WMDA Datasheet HTML 110Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 111Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 112Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 113Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 114Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 115Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 116Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 117Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 118Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 126 page
background image
RL78/L13
3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA =
−40 to +105°C)
R01DS0168EJ0210 Rev.2.10
Aug 12, 2016
Page 114 of 123
3.6.5 LVD circuit characteristics
LVD Detection Voltage of Reset Mode and Interrupt Mode
(TA =
−40 to +105°C, VPDR ≤ VDD ≤ 5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Detection
voltage
Supply voltage level
VLVD0
When power supply rises
3.90
4.06
4.22
V
When power supply falls
3.83
3.98
4.13
V
VLVD1
When power supply rises
3.60
3.75
3.90
V
When power supply falls
3.53
3.67
3.81
V
VLVD2
When power supply rises
3.01
3.13
3.25
V
When power supply falls
2.94
3.06
3.18
V
VLVD3
When power supply rises
2.90
3.02
3.14
V
When power supply falls
2.85
2.96
3.07
V
VLVD4
When power supply rises
2.81
2.92
3.03
V
When power supply falls
2.75
2.86
2.97
V
VLVD5
When power supply rises
2.71
2.81
2.92
V
When power supply falls
2.64
2.75
2.86
V
VLVD6
When power supply rises
2.61
2.71
2.81
V
When power supply falls
2.55
2.65
2.75
V
VLVD7
When power supply rises
2.51
2.61
2.71
V
When power supply falls
2.45
2.55
2.65
V
Minimum pulse width
tLW
300
μs
Detection delay time
300
μs
LVD Detection Voltage of Interrupt & Reset Mode
(TA =
−40 to +105°C, VPDR ≤ VDD ≤ 5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Interrupt and reset
mode
VLVD5
VPOC2, VPOC1, VPOC0 = 0, 1, 1, falling reset voltage
2.64
2.75
2.86
V
VLVD4
LVIS1, LVIS0 = 1, 0
Rising release reset voltage
2.81
2.92
3.03
V
Falling interrupt voltage
2.75
2.86
2.97
V
VLVD3
LVIS1, LVIS0 = 0, 1
Rising release reset voltage
2.90
3.02
3.14
V
Falling interrupt voltage
2.85
2.96
3.07
V
VLVD0
LVIS1, LVIS0 = 0, 0
Rising release reset voltage
3.90
4.06
4.22
V
Falling interrupt voltage
3.83
3.98
4.13
V
3.6.6 Supply voltage rise time
(TA =
−40 to +105°C, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
VDD rise slope
SVDD
54
V/ms
Caution Make sure to keep the internal reset state by the LVD circuit or an external reset until VDD reaches the
operating voltage range shown in 3.4 AC Characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com