Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6638IPZ Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6638IPZ
Description  MSP430F663x Mixed-Signal Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6638IPZ Datasheet(HTML) 25 Page - Texas Instruments

Back Button MSP430F6638IPZ Datasheet HTML 21Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 22Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 23Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 24Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 25Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 26Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 27Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 28Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 133 page
background image
8.8 Schmitt-Trigger Inputs – General-Purpose I/O
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)(1)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX UNIT
VIT+
Positive-going input threshold voltage
1.8 V
0.80
1.40
V
3 V
1.50
2.10
VIT–
Negative-going input threshold voltage
1.8 V
0.45
1.00
V
3 V
0.75
1.65
Vhys
Input voltage hysteresis (VIT+ – VIT–)
1.8 V
0.3
0.8
V
3 V
0.4
1.0
RPull
Pullup or pulldown resistor(2)
For pullup: VIN = VSS
For pulldown: VIN = VCC
20
35
50
kΩ
CI
Input capacitance
VIN = VSS or VCC
5
pF
(1)
Same parametrics apply to clock input pin when crystal bypass mode is used on XT1 (XIN) or XT2 (XT2IN).
(2)
Also applies to RST pin when pullup or pulldown resistor is enabled.
8.9 Inputs – Ports P1, P2, P3, and P4
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)(1)
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX UNIT
t(int)
External interrupt timing(2)
Port P1, P2, P3, P4: P1.x to P4.x,
External trigger pulse duration to set interrupt flag
2.2 V, 3 V
20
ns
(1)
Some devices may contain additional ports with interrupts. See the block diagram and terminal function descriptions.
(2)
An external signal sets the interrupt flag every time the minimum interrupt pulse duration t(int) is met. It may be set by trigger signals
shorter than t(int).
8.10 Leakage Current – General-Purpose I/O
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX UNIT
Ilkg(Px.x)
High-impedance leakage current
See (1) (2)
1.8 V, 3 V
±50
nA
(1)
The leakage current is measured with VSS or VCC applied to the corresponding pins, unless otherwise noted.
(2)
The leakage of the digital port pins is measured individually. The port pin is selected for input and the pullup or pulldown resistor is
disabled.
8.11 Outputs – General-Purpose I/O (Full Drive Strength)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX UNIT
VOH
High-level output voltage
I(OHmax) = –3 mA(1)
1.8 V
VCC – 0.25
VCC
V
I(OHmax) = –10 mA(2)
VCC – 0.60
VCC
I(OHmax) = –5 mA(1)
3 V
VCC – 0.25
VCC
I(OHmax) = –15 mA(2)
VCC – 0.60
VCC
VOL
Low-level output voltage
I(OLmax) = 3 mA(1)
1.8 V
VSS VSS + 0.25
V
I(OLmax) = 10 mA(2)
VSS VSS + 0.60
I(OLmax) = 5 mA(1)
3 V
VSS VSS + 0.25
I(OLmax) = 15 mA(2)
VSS VSS + 0.60
(1)
The maximum total current, I(OHmax) and I(OLmax), for all outputs combined should not exceed ±48 mA to hold the maximum voltage
drop specified.
(2)
The maximum total current, I(OHmax) and I(OLmax), for all outputs combined should not exceed ±100 mA to hold the maximum voltage
drop specified.
www.ti.com
MSP430F6638, MSP430F6637, MSP430F6636, MSP430F6635, MSP430F6634
MSP430F6633, MSP430F6632, MSP430F6631, MSP430F6630
SLAS566G – JUNE 2010 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: MSP430F6638 MSP430F6637 MSP430F6636 MSP430F6635 MSP430F6634
MSP430F6633 MSP430F6632 MSP430F6631 MSP430F6630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com