Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6638IPZ Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6638IPZ
Description  MSP430F663x Mixed-Signal Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6638IPZ Datasheet(HTML) 48 Page - Texas Instruments

Back Button MSP430F6638IPZ Datasheet HTML 44Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 45Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 46Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 47Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 48Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 49Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 50Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 51Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 133 page
background image
8.43 REF, External Reference
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)(1)
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX
UNIT
VeREF+
Positive external reference
voltage input
VeREF+ > VREF-/VeREF- (2)
1.4
AVCC
V
VREF-/VeREF-
Negative external
reference voltage input
VeREF+ > VREF-/VeREF- (3)
0
1.2
V
VeREF+ –
VREF-/VeREF-
Differential external
reference voltage input
VeREF+ > VREF-/VeREF- (4)
1.4
AVCC
V
IVeREF+, IVREF-/
VeREF-
Static input current
1.4 V ≤ VeREF+ ≤ VAVCC , VeREF- = 0 V,
fADC12CLK = 5 MHz, ADC12SHTx = 1h,
Conversion rate 200 ksps
2.2 V, 3 V
–26
26
µA
1.4 V ≤ VeREF+ ≤ VAVCC , VeREF- = 0 V,
fADC12CLK = 5 MHz, ADC12SHTx = 8h,
Conversion rate 20 ksps
2.2 V, 3 V
–1.2
+1.2
CVREF+/-
Capacitance at VREF+ or
VREF- terminal(5)
10
µF
(1)
The external reference is used during ADC conversion to charge and discharge the capacitance array. The input capacitance, Ci, is
also the dynamic load for an external reference during conversion. The dynamic impedance of the reference supply should follow the
recommendations on analog-source impedance to let the charge settle for 12-bit accuracy.
(2)
The accuracy limits the minimum positive external reference voltage. Lower reference voltage levels may be applied with reduced
accuracy requirements.
(3)
The accuracy limits the maximum negative external reference voltage. Higher reference voltage levels may be applied with reduced
accuracy requirements.
(4)
The accuracy limits minimum external differential reference voltage. Lower differential reference voltage levels may be applied with
reduced accuracy requirements.
(5)
Connect two decoupling capacitors, 10 µF and 100 nF, to VREF to decouple the dynamic current required for an external reference
source if it is used for the ADC12_A. Also see the MSP430F5xx and MSP430F6xx Family User's Guide.
MSP430F6638, MSP430F6637, MSP430F6636, MSP430F6635, MSP430F6634
MSP430F6633, MSP430F6632, MSP430F6631, MSP430F6630
SLAS566G – JUNE 2010 – REVISED SEPTEMBER 2020
www.ti.com
48
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: MSP430F6638 MSP430F6637 MSP430F6636 MSP430F6635 MSP430F6634
MSP430F6633 MSP430F6632 MSP430F6631 MSP430F6630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com