Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6638IPZ Datasheet(PDF) 75 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6638IPZ
Description  MSP430F663x Mixed-Signal Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6638IPZ Datasheet(HTML) 75 Page - Texas Instruments

Back Button MSP430F6638IPZ Datasheet HTML 71Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 72Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 73Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 74Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 75Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 76Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 77Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 78Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 133 page
background image
9.12.15 Comparator_B
The primary function of the Comparator_B module is to support precision slope analog-to-digital conversions,
battery voltage supervision, and monitoring of external analog signals.
9.12.16 ADC12_A
The ADC12_A module supports fast 12-bit analog-to-digital conversions. The module implements a 12-bit SAR
core, sample select control, reference generator, and a 16-word conversion-and-control buffer. The conversion-
and-control buffer allows up to 16 independent ADC samples to be converted and stored without any CPU
intervention.
The DAC12_A module is a 12-bit R-ladder voltage-output DAC. The DAC12_A may be used in 8-bit or 12-bit
mode, and may be used with the DMA controller. When multiple DAC12_A modules are present, they may be
grouped together for synchronous operation.
9.12.18 CRC16
The CRC16 module produces a signature based on a sequence of entered data values and can be used for data
checking purposes. The CRC16 module signature is based on the CRC-CCITT standard.
9.12.19 Voltage Reference (REF) Module
The REF module generates all of the critical reference voltages that can be used by the various analog
peripherals in the device.
9.12.20 LCD_B
The LCD_B driver generates the segment and common signals that are required to drive a liquid crystal display
(LCD). The LCD_B controller has dedicated data memories to hold segment drive information. Common and
segment signals are generated as defined by the mode. Static, 2-mux, 3-mux, and 4-mux LCDs are supported.
The module can provide a LCD voltage independent of the supply voltage with its integrated charge pump. It is
possible to control the level of the LCD voltage, and thus the contrast, by software. The module also provides an
automatic blinking capability for individual segments.
9.12.21 USB Universal Serial Bus
The USB module is a fully integrated USB interface that is compliant with the USB 2.0 specification. The module
supports full-speed operation of control, interrupt, and bulk transfers. The module includes an integrated LDO,
PHY, and PLL. The PLL is highly flexible and can support a wide range of input clock frequencies. USB RAM,
when not used for USB communication, can be used by the system.
9.12.22 Embedded Emulation Module (EEM)
The EEM supports real-time in-system debugging. The L version of the EEM has the following features:
• Eight hardware triggers or breakpoints on memory access
• Two hardware triggers or breakpoints on CPU register write access
• Up to 10 hardware triggers can be combined to form complex triggers or breakpoints
• Two cycle counters
• Sequencer
• State storage
• Clock control on module level
www.ti.com
MSP430F6638, MSP430F6637, MSP430F6636, MSP430F6635, MSP430F6634
MSP430F6633, MSP430F6632, MSP430F6631, MSP430F6630
SLAS566G – JUNE 2010 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
75
Product Folder Links: MSP430F6638 MSP430F6637 MSP430F6636 MSP430F6635 MSP430F6634
MSP430F6633 MSP430F6632 MSP430F6631 MSP430F6630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com