Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6638IPZ Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6638IPZ
Description  MSP430F663x Mixed-Signal Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6638IPZ Datasheet(HTML) 57 Page - Texas Instruments

Back Button MSP430F6638IPZ Datasheet HTML 53Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 54Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 55Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 56Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 57Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 58Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 59Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 60Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 133 page
background image
8.55 USB-PWR (USB Power System)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
VLAUNCH
VBUS detection threshold
3.75
V
VBUS
USB bus voltage
Normal operation
3.76
5.5
V
VUSB
USB LDO output voltage
3.3
±9%
V
V18
Internal USB voltage(1)
1.8
V
IUSB_EXT
Maximum external current from VUSB terminal(2)
USB LDO is on
12
mA
IDET
USB LDO current overload detection(3)
60
100
mA
ISUSPEND
Operating supply current into VBUS terminal.(4)
USB LDO is on,
USB PLL disabled
250
µA
CBUS
VBUS terminal recommended capacitance
4.7
µF
CUSB
VUSB terminal recommended capacitance
220
nF
C18
V18 terminal recommended capacitance
220
nF
tENABLE
Settling time VUSB and V18
Within 2%,
recommended capacitances
2
ms
RPUR
Pullup resistance of PUR terminal(5)
70
110
150
Ω
(1)
This voltage is for internal use only. No external DC loading should be applied.
(2)
This represents additional current that can be supplied to the application from the VUSB terminal beyond the needs of the USB
operation.
(3)
A current overload is detected when the total current supplied from the USB LDO, including IUSB_EXT, exceeds this value.
(4)
Does not include current contribution of Rpu and Rpd as outlined in the USB specification.
(5)
This value, in series with an external resistor between PUR and D+, produces the Rpu as outlined in the USB specification.
8.56 USB-PLL (USB Phase-Locked Loop)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
IPLL
Operating supply current
7
mA
fPLL
PLL frequency
48
MHz
fUPD
PLL reference frequency
1.5
3
MHz
tLOCK
PLL lock time
2
ms
tJitter
PLL jitter
1000
ps
www.ti.com
MSP430F6638, MSP430F6637, MSP430F6636, MSP430F6635, MSP430F6634
MSP430F6633, MSP430F6632, MSP430F6631, MSP430F6630
SLAS566G – JUNE 2010 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
57
Product Folder Links: MSP430F6638 MSP430F6637 MSP430F6636 MSP430F6635 MSP430F6634
MSP430F6633 MSP430F6632 MSP430F6631 MSP430F6630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com