Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6638IPZ Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6638IPZ
Description  MSP430F663x Mixed-Signal Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6638IPZ Datasheet(HTML) 63 Page - Texas Instruments

Back Button MSP430F6638IPZ Datasheet HTML 59Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 60Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 61Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 62Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 63Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 64Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 65Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 66Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 133 page
background image
(5)
Only on devices with peripheral module ADC12_A, otherwise reserved.
(6)
Only on devices with peripheral module DAC12_A, otherwise reserved.
9.6 Memory
Table 9-4 summarizes the memory map for all device variants.
Table 9-4. Memory Organization
(1) (3)
MSP430F6636
MSP430F6633
MSP430F6630
MSP430F6637
MSP430F6634
MSP430F6631
MSP430F6638
MSP430F6635
MSP430F6632
Memory (flash)
Main: interrupt vector
Total Size
128KB
00FFFFh to 00FF80h
192KB
00FFFFh to 00FF80h
256KB
00FFFFh to 00FF80h
Main: code memory
Bank 3
N/A
N/A
64KB
047FFFh to 038000h
Bank 2
N/A
64KB
037FFFh to 028000h
64KB
037FFFh to 028000h
Bank 1
64KB
027FFFh to 018000h
64KB
027FFFh to 018000h
64KB
027FFFh to 018000h
Bank 0
64KB
017FFFh to 008000h
64KB
017FFFh to 008000h
64KB
017FFFh to 008000h
RAM
Sector 3
4KB
0063FFh to 005400h
4KB
0063FFh to 005400h
4KB
0063FFh to 005400h
Sector 2
4KB
0053FFh to 004400h
4KB
0053FFh to 004400h
4KB
0053FFh to 004400h
Sector 1
4KB
0043FFh to 003400h
4KB
0043FFh to 003400h
4KB
0043FFh to 003400h
Sector 0
4KB
0033FFh to 002400h
4KB
0033FFh to 002400h
4KB
0033FFh to 002400h
USB RAM(2)
Size
RAM
2KB
0023FFh to 001C00h
2KB
0023FFh to 001C00h
2KB
0023FFh to 001C00h
Information memory
(flash)
Info A
128 bytes
0019FFh to 001980h
128 bytes
0019FFh to 001980h
128 bytes
0019FFh to 001980h
Info B
128 bytes
00197Fh to 001900h
128 bytes
00197Fh to 001900h
128 bytes
00197Fh to 001900h
Info C
128 bytes
0018FFh to 001880h
128 bytes
0018FFh to 001880h
128 bytes
0018FFh to 001880h
Info D
128 bytes
00187Fh to 001800h
128 bytes
00187Fh to 001800h
128 bytes
00187Fh to 001800h
Bootloader (BSL)
memory (flash)
BSL 3
512 bytes
0017FFh to 001600h
512 bytes
0017FFh to 001600h
512 bytes
0017FFh to 001600h
BSL 2
512 bytes
0015FFh to 001400h
512 bytes
0015FFh to 001400h
512 bytes
0015FFh to 001400h
BSL 1
512 bytes
0013FFh to 001200h
512 bytes
0013FFh to 001200h
512 bytes
0013FFh to 001200h
BSL 0
512 bytes
0011FFh to 001000h
512 bytes
0011FFh to 001000h
512 bytes
0011FFh to 001000h
Peripherals
Size
4KB
000FFFh to 000000h
4KB
000FFFh to 000000h
4KB
000FFFh to 000000h
(1)
N/A = Not available.
(2)
USB RAM can be used as general-purpose RAM when not used for USB operation.
(3)
Backup RAM is accessed through the control registers BAKMEM0, BAKMEM1, BAKMEM2, and BAKMEM3.
www.ti.com
MSP430F6638, MSP430F6637, MSP430F6636, MSP430F6635, MSP430F6634
MSP430F6633, MSP430F6632, MSP430F6631, MSP430F6630
SLAS566G – JUNE 2010 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
63
Product Folder Links: MSP430F6638 MSP430F6637 MSP430F6636 MSP430F6635 MSP430F6634
MSP430F6633 MSP430F6632 MSP430F6631 MSP430F6630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com