Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6638IPZ Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6638IPZ
Description  MSP430F663x Mixed-Signal Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6638IPZ Datasheet(HTML) 28 Page - Texas Instruments

Back Button MSP430F6638IPZ Datasheet HTML 24Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 25Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 26Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 27Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 28Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 29Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 30Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 31Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 133 page
background image
8.15 Typical Characteristics – Outputs, Full Drive Strength (PxDS.y = 1)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
55.0
60.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
T = 25°C
A
T = 85°C
A
V
= 3.0 V
P3.2
CC
V
– Low-Level Output Voltage – V
OL
Figure 8-6. Typical Low-Level Output Current vs
Low-Level Output Voltage
0
4
8
12
16
20
24
0.0
0.5
1.0
1.5
2.0
T = 25°C
A
T = 85°C
A
V
= 1.8 V
P3.2
CC
V
– Low-Level Output Voltage – V
OL
Figure 8-7. Typical Low-Level Output Current vs
Low-Level Output Voltage
−60.0
−55.0
−50.0
−45.0
−40.0
−35.0
−30.0
−25.0
−20.0
−15.0
−10.0
−5.0
0.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
T = 25°C
A
T = 85°C
A
V
= 3.0 V
P3.2
CC
V
– High-Level Output Voltage – V
OH
Figure 8-8. Typical High-Level Output Current vs
High-Level Output Voltage
−20
−16
−12
−8
−4
0
0.0
0.5
1.0
1.5
2.0
T = 25°C
A
T = 85°C
A
V
= 1.8 V
P3.2
CC
V
– High-Level Output Voltage – V
OH
Figure 8-9. Typical High-Level Output Current vs
High-Level Output Voltage
MSP430F6638, MSP430F6637, MSP430F6636, MSP430F6635, MSP430F6634
MSP430F6633, MSP430F6632, MSP430F6631, MSP430F6630
SLAS566G – JUNE 2010 – REVISED SEPTEMBER 2020
www.ti.com
28
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: MSP430F6638 MSP430F6637 MSP430F6636 MSP430F6635 MSP430F6634
MSP430F6633 MSP430F6632 MSP430F6631 MSP430F6630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com