Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6638IPZ Datasheet(PDF) 97 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6638IPZ
Description  MSP430F663x Mixed-Signal Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6638IPZ Datasheet(HTML) 97 Page - Texas Instruments

Back Button MSP430F6638IPZ Datasheet HTML 93Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 94Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 95Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 96Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 97Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 98Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 99Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 100Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 133 page
background image
9.13.5 Port P5 (P5.0 and P5.1) Input/Output With Schmitt Trigger
Figure 9-6 shows the pin diagram. Table 9-56 summarizes how to select the pin function.
P5.0/VREF+/VeREF+
P5.1/VREF–/VeREF–
P5SEL.x
1
0
P5DIR.x
P5IN.x
EN
Module X IN
1
0
Module X OUT
P5OUT.x
1
0
DV
SS
DV
CC
P5REN.x
Pad Logic
1
P5DS.x
0: Low drive
1: High drive
D
Bus
Keeper
To/From
Reference
Figure 9-6. Port P5 (P5.0 and P5.1) Diagram
Table 9-56. Port P5 (P5.0 and P5.1) Pin Functions
PIN NAME (P5.x)
x
FUNCTION
CONTROL BITS OR SIGNALS(1)
P5DIR.x
P5SEL.x
REFOUT
P5.0/VREF+/VeREF+
0
P5.0 (I/O)(2)
I: 0; O: 1
0
X
VeREF+(3)
X
1
0
VREF+(4)
X
1
1
P5.1/VREF-/VeREF-
1
P5.1 (I/O)(2)
I: 0; O: 1
0
X
VeREF-(5)
X
1
0
VREF-(6)
X
1
1
(1)
X = Don't care
(2)
Default condition
(3)
Setting the P5SEL.0 bit disables the output driver and the input Schmitt trigger to prevent parasitic cross currents when applying
analog signals. An external voltage can be applied to VeREF+ and used as the reference for the ADC12_A, Comparator_B, or
DAC12_A.
(4)
Setting the P5SEL.0 bit disables the output driver and the input Schmitt trigger to prevent parasitic cross currents when applying
analog signals. The ADC12_A VREF+ reference is available at the pin.
(5)
Setting the P5SEL.1 bit disables the output driver and the input Schmitt trigger to prevent parasitic cross currents when applying
analog signals. An external voltage can be applied to VeREF- and used as the reference for the ADC12_A, Comparator_B, or
DAC12_A.
(6)
Setting the P5SEL.1 bit disables the output driver and the input Schmitt trigger to prevent parasitic cross currents when applying
analog signals. The ADC12_A VREF- reference is available at the pin.
www.ti.com
MSP430F6638, MSP430F6637, MSP430F6636, MSP430F6635, MSP430F6634
MSP430F6633, MSP430F6632, MSP430F6631, MSP430F6630
SLAS566G – JUNE 2010 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
97
Product Folder Links: MSP430F6638 MSP430F6637 MSP430F6636 MSP430F6635 MSP430F6634
MSP430F6633 MSP430F6632 MSP430F6631 MSP430F6630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com