Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6638IPZ Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6638IPZ
Description  MSP430F663x Mixed-Signal Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6638IPZ Datasheet(HTML) 14 Page - Texas Instruments

Back Button MSP430F6638IPZ Datasheet HTML 10Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 11Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 12Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 13Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 14Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 15Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 16Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 17Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 133 page
background image
Table 7-1. Signal Descriptions (continued)
TERMINAL
I/O(1)
DESCRIPTION
NAME
NO.(4)
PZ
ZCA,
ZQW
AVCC1
11
E1,
E2
Analog power supply
AVSS1
12
F2
Analog ground supply
XIN
13
F1
I
Input terminal for crystal oscillator XT1
XOUT
14
G1
O
Output terminal of crystal oscillator XT1
AVSS2
15
G2
Analog ground supply
P5.6/ADC12CLK/DMAE0
16
H1
I/O
General-purpose digital I/O
Conversion clock output ADC (not available on F6632, F6631, and F6630 devices)
DMA external trigger input
P2.0/P2MAP0
17
G4
I/O
General-purpose digital I/O with port interrupt and mappable secondary function
Default mapping: USCI_B0 SPI slave transmit enable; USCI_A0 clock input/output
P2.1/P2MAP1
18
H2
I/O
General-purpose digital I/O with port interrupt and mappable secondary function
Default mapping: USCI_B0 SPI slave in/master out; USCI_B0 I2C data
P2.2/P2MAP2
19
J1
I/O
General-purpose digital I/O with port interrupt and mappable secondary function
Default mapping: USCI_B0 SPI slave out/master in; USCI_B0 I2C clock
P2.3/P2MAP3
20
H4
I/O
General-purpose digital I/O with port interrupt and mappable secondary function
Default mapping: USCI_B0 clock input/output; USCI_A0 SPI slave transmit enable
P2.4/P2MAP4
21
J2
I/O
General-purpose digital I/O with port interrupt and mappable secondary function
Default mapping: USCI_A0 UART transmit data; USCI_A0 SPI slave in/master out
P2.5/P2MAP5
22
K1
I/O
General-purpose digital I/O with port interrupt and mappable secondary function
Default mapping: USCI_A0 UART receive data; USCI_A0 slave out/master in
P2.6/P2MAP6/R03
23
K2
I/O
General-purpose digital I/O with port interrupt and mappable secondary function
Default mapping: no secondary function
Input/output port of lowest analog LCD voltage (V5)
P2.7/P2MAP7/LCDREF/R13
24
L2
I/O
General-purpose digital I/O with port interrupt and mappable secondary function
Default mapping: no secondary function
External reference voltage input for regulated LCD voltage
Input/output port of third most positive analog LCD voltage (V3 or V4)
DVCC1
25
L1
Digital power supply
DVSS1
26
M1
Digital ground supply
VCORE(2)
27
M2
Regulated core power supply (internal use only, no external current loading)
P5.2/R23
28
L3
I/O
General-purpose digital I/O
Input/output port of second most positive analog LCD voltage (V2)
LCDCAP/R33
29
M3
I/O
LCD capacitor connection
Input/output port of most positive analog LCD voltage (V1)
CAUTION
CAUTION: LCDCAP/R33 must be connected to DVSS if not used.
COM0
30
J4
O
LCD common output COM0 for LCD backplane
MSP430F6638, MSP430F6637, MSP430F6636, MSP430F6635, MSP430F6634
MSP430F6633, MSP430F6632, MSP430F6631, MSP430F6630
SLAS566G – JUNE 2010 – REVISED SEPTEMBER 2020
www.ti.com
14
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: MSP430F6638 MSP430F6637 MSP430F6636 MSP430F6635 MSP430F6634
MSP430F6633 MSP430F6632 MSP430F6631 MSP430F6630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com