Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6638IPZ Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6638IPZ
Description  MSP430F663x Mixed-Signal Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6638IPZ Datasheet(HTML) 16 Page - Texas Instruments

Back Button MSP430F6638IPZ Datasheet HTML 12Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 13Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 14Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 15Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 16Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 17Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 18Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 19Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 133 page
background image
Table 7-1. Signal Descriptions (continued)
TERMINAL
I/O(1)
DESCRIPTION
NAME
NO.(4)
PZ
ZCA,
ZQW
P3.0/TA1CLK/CBOUT/S31
42
L7
I/O
General-purpose digital I/O with port interrupt
Timer TA1 clock input
Comparator_B output
LCD segment output S31
P3.1/TA1.0/S30
43
H7
I/O
General-purpose digital I/O with port interrupt
Timer TA1 capture CCR0: CCI0A/CCI0B input, compare: Out0 output
LCD segment output S30
P3.2/TA1.1/S29
44
M8
I/O
General-purpose digital I/O with port interrupt
Timer TA1 capture CCR1: CCI1A/CCI1B input, compare: Out1 output
LCD segment output S29
P3.3/TA1.2/S28
45
L8
I/O
General-purpose digital I/O with port interrupt
Timer TA1 capture CCR2: CCI2A/CCI2B input, compare: Out2 output
LCD segment output S28
P3.4/TA2CLK/SMCLK/S27
46
J8
I/O
General-purpose digital I/O with port interrupt
Timer TA2 clock input
SMCLK output
LCD segment output S27
P3.5/TA2.0/S26
47
M9
I/O
General-purpose digital I/O with port interrupt
Timer TA2 capture CCR0: CCI0A/CCI0B input, compare: Out0 output
LCD segment output S26
P3.6/TA2.1/S25
48
L9
I/O
General-purpose digital I/O with port interrupt
Timer TA2 capture CCR1: CCI1A/CCI1B input, compare: Out1 output
LCD segment output S25
P3.7/TA2.2/S24
49
M10
I/O
General-purpose digital I/O with port interrupt
Timer TA2 capture CCR2: CCI2A/CCI2B input, compare: Out2 output
LCD segment output S24
P4.0/TB0.0/S23
50
J9
I/O
General-purpose digital I/O with port interrupt
Timer TB0 capture CCR0: CCI0A/CCI0B input, compare: Out0 output
LCD segment output S23
P4.1/TB0.1/S22
51
M11
I/O
General-purpose digital I/O with port interrupt
Timer TB0 capture CCR1: CCI1A/CCI1B input, compare: Out1 output
LCD segment output S22
P4.2/TB0.2/S21
52
L10
I/O
General-purpose digital I/O with port interrupt
Timer TB0 capture CCR2: CCI2A/CCI2B input, compare: Out2 output
LCD segment output S21
P4.3/TB0.3/S20
53
M12
I/O
General-purpose digital I/O with port interrupt
Timer TB0 capture CCR3: CCI3A/CCI3B input, compare: Out3 output
LCD segment output S20
MSP430F6638, MSP430F6637, MSP430F6636, MSP430F6635, MSP430F6634
MSP430F6633, MSP430F6632, MSP430F6631, MSP430F6630
SLAS566G – JUNE 2010 – REVISED SEPTEMBER 2020
www.ti.com
16
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: MSP430F6638 MSP430F6637 MSP430F6636 MSP430F6635 MSP430F6634
MSP430F6633 MSP430F6632 MSP430F6631 MSP430F6630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com